Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1013IP Datasheet(PDF) 2 Page - Texas Instruments

Part # LT1013IP
Description  Dual Precision Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LT1013IP Datasheet(HTML) 2 Page - Texas Instruments

  LT1013IP Datasheet HTML 1Page - Texas Instruments LT1013IP Datasheet HTML 2Page - Texas Instruments LT1013IP Datasheet HTML 3Page - Texas Instruments LT1013IP Datasheet HTML 4Page - Texas Instruments LT1013IP Datasheet HTML 5Page - Texas Instruments LT1013IP Datasheet HTML 6Page - Texas Instruments LT1013IP Datasheet HTML 7Page - Texas Instruments LT1013IP Datasheet HTML 8Page - Texas Instruments LT1013IP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
LT1013, LT1013D, LT1013M, LT1013AM
SLOS018I – MAY 1988 – REVISED JULY 2016
www.ti.com
Product Folder Links: LT1013 LT1013D LT1013M LT1013AM
Submit Documentation Feedback
Copyright © 1988–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics: LT1013C, ±15 V .............. 5
6.6
Electrical Characteristics: LT1013C, 5 V .................. 6
6.7
Electrical Characteristics: LT1013D, ±15 V .............. 6
6.8
Electrical Characteristics: LT1013D, 5 V .................. 7
6.9
Electrical Characteristics: LT1013DI, ±15 V ............. 7
6.10
Electrical Characteristics: LT1013DI, 5 V ............... 8
6.11
Electrical Characteristics: LT1013M, ±15 V ............ 8
6.12
Electrical Characteristics: LT1013M, 5 V ................ 9
6.13
Electrical Characteristics: LT1013AM, ±15 V.......... 9
6.14
Electrical Characteristics: LT1013AM, 5 V............ 10
6.15
Electrical Characteristics: LT1013DM, ±15 V ....... 10
6.16
Electrical Characteristics: LT1013DM, 5 V ........... 11
6.17
Operating Characteristics...................................... 11
6.18
Typical Characteristics .......................................... 12
7
Detailed Description ............................................ 17
7.1
Overview ................................................................. 17
7.2
Functional Block Diagram ....................................... 17
7.3
Feature Description................................................. 17
7.4
Device Functional Modes........................................ 19
8
Application and Implementation ........................ 20
8.1
Application Information............................................ 20
8.2
Typical Application ................................................. 20
9
Power Supply Recommendations ...................... 21
10
Layout................................................................... 21
10.1
Layout Guidelines ................................................. 21
10.2
Layout Examples................................................... 22
11
Device and Documentation Support ................. 23
11.1
Device Support...................................................... 23
11.2
Related Links ........................................................ 23
11.3
Receiving Notification of Documentation Updates 23
11.4
Community Resources.......................................... 23
11.5
Trademarks ........................................................... 23
11.6
Electrostatic Discharge Caution ............................ 23
11.7
Glossary ................................................................ 23
12
Mechanical, Packaging, and Orderable
Information ........................................................... 24
4 Revision History
Changes from Revision H (November 2004) to Revision I
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
•
Removed Ordering Information table, see POA at the end of the data sheet ...................................................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com