Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1013MP Datasheet(PDF) 13 Page - Texas Instruments

Part # LT1013MP
Description  Dual Precision Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LT1013MP Datasheet(HTML) 13 Page - Texas Instruments

Back Button LT1013MP Datasheet HTML 9Page - Texas Instruments LT1013MP Datasheet HTML 10Page - Texas Instruments LT1013MP Datasheet HTML 11Page - Texas Instruments LT1013MP Datasheet HTML 12Page - Texas Instruments LT1013MP Datasheet HTML 13Page - Texas Instruments LT1013MP Datasheet HTML 14Page - Texas Instruments LT1013MP Datasheet HTML 15Page - Texas Instruments LT1013MP Datasheet HTML 16Page - Texas Instruments LT1013MP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
RL − Load Resistance − Ω
100
400
1 k
4 k
10 k
10
4
1
0.4
0.1
VCC± = ±15 V
VO = ±10 V
TA = −55°C
TA = 25°C
TA = 125°C
RL − Load Resistance − Ω
100
400
1 k
4 k
10 k
VCC± = 5 V, VCC− = 0
VO = 20 mV to 3.5 V
TA = −55°C
TA = 25°C
TA = 125°C
10
4
1
0.4
0.1
IIB − Input Bias Current − nA
0
−15
−10
−5
5
10
15
0
−5
−10
−15
−20
−25
−30
−1
0
1
2
3
4
5
TA = 25°C
VCC± = ±15 V
(left scale)
VCC± = 5 V
VCC− = 0
(right scale)
TA − Free-Air Temperature − °C
−50
−25
0
25
50
75
100
125
0
−5
−10
−15
−20
−25
−30
VCC± = 5 V, VCC− = 0
VCC± = ±2.5 V
VCC± = ±15 V
VIC = 0
3
2
1
0
0
1
2
3
4
t − Time After Power-On − min
5
4
5
JG Package
VCC± = ±15 V
TA = 25°C
0.2
0
0
25
50
75
100
1
0.4
125
0.6
0.8
VIC = 0
VCC± =±2.5 V
VCC+ = 5 V, VCC− = 0
VCC± =±15 V
TA − Free-Air Temperature − °C
−50
−25
13
LT1013, LT1013D, LT1013M, LT1013AM
www.ti.com
SLOS018I – MAY 1988 – REVISED JULY 2016
Product Folder Links: LT1013 LT1013D LT1013M LT1013AM
Submit Documentation Feedback
Copyright © 1988–2016, Texas Instruments Incorporated
Figure 3. Warm-Up Change in Input Offset Voltage vs Time
After Power On
Figure 4. Input Offset Current vs Free-Air Temperature
Figure 5. Input Bias Current vs Free-Air Temperature
Figure 6. Common-Mode Input Voltage vs Input Bias
Current
Figure 7. Differential Voltage Amplification vs Load
Resistance
Figure 8. Differential Voltage Amplification vs Load
Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com