Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSH112 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BSH112
Description  N-channel enhancement mode field-effect transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSH112 Datasheet(HTML) 2 Page - NXP Semiconductors

  BSH112 Datasheet HTML 1Page - NXP Semiconductors BSH112 Datasheet HTML 2Page - NXP Semiconductors BSH112 Datasheet HTML 3Page - NXP Semiconductors BSH112 Datasheet HTML 4Page - NXP Semiconductors BSH112 Datasheet HTML 5Page - NXP Semiconductors BSH112 Datasheet HTML 6Page - NXP Semiconductors BSH112 Datasheet HTML 7Page - NXP Semiconductors BSH112 Datasheet HTML 8Page - NXP Semiconductors BSH112 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Philips Semiconductors
BSH112
N-channel enhancement mode field-effect transistor
Product specification
Rev. 01 — 25 August 2000
2 of 13
9397 750 07305
© Philips Electronics N.V. 2000. All rights reserved.
5.
Quick reference data
6.
Limiting values
Table 2:
Quick reference data
Symbol Parameter
Conditions
Typ
Max
Unit
VDS
drain-source voltage (DC)
Tj =25to150 °C
−
60
V
ID
drain current (DC)
Tsp =25 °C; VGS =10V
−
300
mA
Ptot
total power dissipation
Tsp =25 °C
−
0.83
W
Tj
junction temperature
−
150
°C
RDSon
drain-source on-state resistance
VGS = 10 V; ID = 500 mA
2.8
5
Ω
VGS = 4.5 V; ID = 75 mA
3.8
5.3
Ω
Table 3:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage (DC)
Tj =25to150 °C
−
60
V
VDGR
drain-gate voltage (DC)
Tj =25to150 °C; RGS =20kΩ−
60
V
VGS
gate-source voltage (DC)
−±15
V
ID
drain current (DC)
Tsp =25 °C; VGS =10V;
Figure 2 and 3
−
300
mA
Tsp = 100 °C; VGS =10V; Figure 2
−
190
mA
IDM
peak drain current
Tsp =25 °C; pulsed; tp ≤ 10 µs;
Figure 3
−
1.2
A
Ptot
total power dissipation
Tsp =25 °C; Figure 1
−
0.83
W
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
−65
+150
°C
Source-drain diode
IS
source (diode forward) current (DC)
Tsp =25 °C
−
300
mA
ISM
peak source (diode forward) current
Tsp =25 °C; pulsed; tp ≤ 10 µs
−
1.2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com