Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3695 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3695
Description  Multipoint RS485/RS422 Transceivers/Repeaters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3695 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS3695 Datasheet HTML 1Page - National Semiconductor (TI) DS3695 Datasheet HTML 2Page - National Semiconductor (TI) DS3695 Datasheet HTML 3Page - National Semiconductor (TI) DS3695 Datasheet HTML 4Page - National Semiconductor (TI) DS3695 Datasheet HTML 5Page - National Semiconductor (TI) DS3695 Datasheet HTML 6Page - National Semiconductor (TI) DS3695 Datasheet HTML 7Page - National Semiconductor (TI) DS3695 Datasheet HTML 8Page - National Semiconductor (TI) DS3695 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage, V
CC
7V
Control Input Voltages
7V
Driver Input Voltage
7V
Driver Output Voltages
+15V/−10V
Receiver Input Voltages
(DS3695, DS3696)
+15V/−10V
Receiver Common Mode Voltage
(DS3697)
±25V
Receiver Output Voltage
5.5V
Continuous Power Dissipation @ 25˚C
N Package
1.07W (Note
4)
Storage Temperature Range
−65˚C to
+150˚C
Lead Temperature (Soldering, 4
sec.)
260˚C
Recommended Operating
Conditions
Min
Max
Units
Supply Voltage, V
CC
4.75
5.25
V
Bus Voltage
−7
+12
V
Operating Free Air Temp. (T
A)
Commercial
0
+70
˚C
Industrial
−40
+85
˚C
Electrical Characteristics (Notes 3, 4)
0˚C
≤ T
A ≤ +70˚C, 4.75V < VCC < 5.25V unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
OD1
Differential Driver Output
I
O = 05
V
Voltage (Unloaded)
V
OD2
Differential Driver Output
(
Figure 1 )R = 50
Ω; (RS-422) (Note
6)
2V
Voltage (with Load)
R = 27
Ω; (RS-485)
1.5
V
∆V
OD
Change in Magnitude of Driver
Differential Output Voltage for
0.2
V
Complementary Output States
V
OC
Driver Common Mode Output Voltage
(
Figure 1 )R = 27
Ω
3.0
V
∆|V
OC|
Change in Magnitude of Driver
Common Mode Output Voltage
0.2
V
for Complementary Output States
V
IH
Input High Voltage
2V
V
IL
Input Low Voltage
DI, DE,
0.8
V
V
CL
Input Clamp Voltage
RE , E, RE /DE
I
IN = −18 mA
−1.5
V
I
IL
Input Low Current
V
IL = 0.4V
−200
µA
I
IH
Input High Current
V
IH = 2.4V
20
µA
I
IN
Input Current
DO/RI, DO /RI
V
CC = 0V or
5.25V
V
IN = 12V
+1.0
mA
RI, RI
RE /DE or DE =
0V
V
IN = −7V
−0.8
mA
I
OZD
TRI-STATE Current
DO, DO
V
CC = 0V or 5.25V, E = 0V
±100
µA
DS3697 & DS3698
−7V < V
O < +12V
V
TH
Differential Input Threshold
−7V
≤ V
CM ≤ +12V
−0.2
+0.2
V
Voltage for Receiver
∆V
TH
Receiver Input Hysteresis
V
CM = 0V
70
mV
V
OH
Receiver Output High Voltage
I
OH = −400 µA
2.4
V
V
OL
Output Low Voltage
RO
I
OL = 16 mA (Note 6)
0.5
V
TS
I
OL = 8 mA
0.45
V
I
OZR
OFF-State (High Impedance)
V
CC = Max
±20
µA
Output Current at Receiver
0.4V
≤ V
O ≤ 2.4V
R
IN
Receiver Input Resistance
−7V
≤ V
CM ≤ +12V
12
k
Ω
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com