Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT45 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # BAT45
Description  SMALL SIGNAL SCHOTTKY DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAT45 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  BAT45 Datasheet HTML 1Page - Diode Semiconductor Korea BAT45 Datasheet HTML 2Page - Diode Semiconductor Korea BAT45 Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
For general purpose applications
MECHANICAL DATA
Case:JEDEC DO--35,glass case
Weight: Approx. 0.13 gram
(Ratings at 25
ambient temperature unless otherw ise specified)
Min.
UNITS
15
V
nA
V
pF
K/W
Storage temperature range
TSTG
Reverse breakdown voltage
@ I
R=10
A
Symbols
VR
ELECTRICAL CHARACTERISTICS
IR
Termal resistance junction to ambient air
0.5
BAT45
SMALL SIGNAL SCHOTTKY DIODE
VOLTAGE RANGE: 15 V
CURRENT: 30 mA
DO - 35(GLASS)
mA
mA
Value
Peak reverse voltage
15
301)
Symbols
Polarity: Color band denotes cathode end
Junction tenperature
Forward continuous current
ABSOLUTE RATINGS(LIMITING VALUES)
VRRM
IF
IFSM
UNITS
V
fast switching and low logic level applications
Metal silicon schottky barrier device which is protected
by a PN junction guard ring. The low forward voltage
drop and fast switching make it ideal for protection of
MOS devices,steering,biasing and coupling diodes for
RθJA
Leakage current
@ V
R=6V
Junction capacitance
@ V
R=1.0V,f=1MHz
Forw ard voltage drop
@ I
F=1.0mA
400
1)Valid provided that electrodes are kept at ambient temperature.
Surge non repetitive forward current tp≤1s
100
60
I
F=10mA
V
F
CJ
Max.
Typ.
1.1
TJ
0.38
c-65 ---+ 150
-65 ---+ 150
Test pulse:tp≤300
µ s,δ<2%
IF=30mA
1.0
Dimensions in millimeters
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - BAT45

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT45 STMICROELECTRONICS-BAT45 Datasheet
49Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Nov-1994
logo
Shanghai Lunsure Electr...
BAT45 CHENYI-BAT45 Datasheet
99Kb / 2P
30 Milliamp small signal schottky diode 15volt
logo
Jinan Jingheng (Group) ...
BAT45 JINANJINGHENG-BAT45 Datasheet
52Kb / 2P
SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT45 MCC-BAT45 Datasheet
603Kb / 3P
30Milliamp Small Signal Schottky Diode 15 Volt
logo
Shenzhen Luguang Electr...
BAT45 LUGUANG-BAT45 Datasheet
190Kb / 3P
Small Signal Schottky Diodes
More results

Similar Description - BAT45

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
SMALL SIGNAL SCHOTTKY DIODE
Aug-1999
logo
Galaxy Semi-Conductor H...
BAT48 BILIN-BAT48 Datasheet
136Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
Vishay Siliconix
BAS170WS-V VISHAY-BAS170WS-V Datasheet
126Kb / 4P
Small Signal Schottky Diode
02-Jul-07
logo
New Jersey Semi-Conduct...
BAR19 NJSEMI-BAR19 Datasheet
68Kb / 2P
SMALL SIGNAL SCHOTTKY DIODE
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
Small signal Schottky diode
12-Nov-2010
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com