Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT86 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # BAT86
Description  SMALL SIGNAL SCHOTTKY DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

BAT86 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  BAT86 Datasheet HTML 1Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
For general purpose applications
This diodes features very low turn-on voltage
and fast switching. This devices are protected
MECHANICAL DATA
Case:JEDEC DO--35,glas s cas e
Weight: Approx. 0.13 gram
Symbols
Min.
UNITS
50.0
V
V
V
V
V
V
A
pF
ns
/W
200
1)
125
VF
Value
50.0
200
1)
500
1)
5
300
1)
1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature
Continuous reverse voltage
Forw ard continuous current
@
TA=25
Repetitive peak f orw ard current @ tp<1s,
<=0.5,TA=25
0.6
0.9
5.0
8
trr
RθJA
@ IF=100mA
Leakage current VR=40V
Junction capacitance at VR=1V,f=1MHz
Reverse recovery time form IF=10mA to IR=10mA to IR=1mA
Max.
Typ.
c-55 ---+ 150
ELECTRICAL CHARACTERISTICS
Forw ard voltage
V
mA
mA
mw
Ptot
TJ
TA
voltage, such as electrostatic discharges
Pow er dissipation @ TA=25
fast switching and low logic level applications
Metal s ilicon schottky barrier device which is protected
by a PN junction guard ring. The low forward voltage
drop and fast switching make it ideal for protection of
MOS devices,s teering,bias ing and coupling diodes for
UNITS
c-55 ---+ 125
Polarity: Color band denotes cathode end
ABSOLUTE RATINGS
VR
IF
IFRM
Junction temperature
Ambient operating temperature range
BAT86
by a PN junction guard ring against exces sive
SMALL SIGNAL SCHOTTKY DIODES
VOLTAGE RANGE: 50 V
CURRENT: 0.2 A
DO - 35(GLASS)
@ IF=10mA
@ IF=30mA
0.365
0.7
IR
0.2
0.3
Storage temperature range
TSTG
Reverse breakdow n voltage tested w ith 100
A pulses
Symbols
VR
0.38
Pulse test tp<300
s,
<2%
@ IF=0.1mA
@ IF=1mA
0.45
1)Valid provided that leads at a distance of 4mm f rom case are kept at ambient temperature
0.275
0.46
Thermal resistance junction to ambient air
CJ
Dimensions in millimeters
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - BAT86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT86 PHILIPS-BAT86 Datasheet
31Kb / 6P
Schottky barrier diode
1996 Mar 20
logo
General Semiconductor
BAT86 GE-BAT86 Datasheet
44Kb / 2P
Schottky Diodes
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
BAT86 BILIN-BAT86 Datasheet
33Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
logo
GOOD-ARK Electronics
BAT86 GOOD-ARK-BAT86 Datasheet
56Kb / 1P
Small-Signal Diode
More results

Similar Description - BAT86

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com