Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLDB3 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # LLDB3
Description  SILICON BIDIRECTIONAL DIACS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

LLDB3 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  LLDB3 Datasheet HTML 1Page - Diode Semiconductor Korea LLDB3 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
ABSOLUTE RATINGS
Power dissipation on printed
TA=50
oC circuit (L=10mm)
Pc
mW
Repetitive peak on-state
tp=20
S
current
f=120Hz
ITRM
A
Operating junction temperature
TJ
oC
Storage temperature
TSTG
oC
Min
28
35
Typ
32
40
Max
36
45
Output voltage (NOTE 1)
Vo
Min
V
Breakover current (NOTE 1)
IBO
Max
A
Rise time (NOTE 1)
tr
Typ
S
Leakage current (NOTE 1)
IR
Max
A
2. Connected in parallel w ith the devices
NOTE: 1. Electrical characteristics applicable in both forw ard and reverse dirctions.
5.0
5.0
100.0
1.5
V
R=0.5 VBO
See FIG.1
10.0
C=22nf(NOTE 2)
Breakover voltage (NOTE 1)
Breakover voltage symmetry
Dynamic breakover voltage (NOTE 1)
VBO
UNITS
150.0
I+VBO I-
I-VBOI
VI
C=22nf(NOTE 2)
See FIG.1
I=(IBO to IF=10mA)
See FIG.1
V
V
±3.0
V
Parameters
Symbols
UNITS
LLDB3,LLDB4
VOLTAGE RANGE: 28-45 V
SILICON BIDIRECTIONAL DIACS
The three layer,two termnal,axial lead,hermetically
1111sealed diacs are designed specifically for triggering
1111thyristors.They demonstrate low breakover current at
1111breakover voltage as they withstand peak pulse
1111current,The breakover symmetry is within three
1111volts(LLDB3,LLDB4). These diacs are intended for use in
CCC
thyrisitors phase control,circuits for lamp dimming,
FFFI universal motor speed control,and heat control.
Parameters
See FIG.3
2.0
-40--- +125
C=22nf(NOTE 2)
See FIG.1
ELECTRICAL CHARACTERISTICS
Test Conditions
-40--- +125
LLDB3
LLDB4
See FIG.2
Max
Min
Diode Semiconductor Korea
www.diode.kr
3.4
+0.3
-0.1
0.4±0.1
Cathode indification
MINI-MELF
Dimensions in millimeters
LLDB3.LLDB4


Similar Part No. - LLDB3

ManufacturerPart #DatasheetDescription
logo
Formosa MS
LLDB3 FORMOSA-LLDB3 Datasheet
410Kb / 4P
DIAC
logo
SEMTECH ELECTRONICS LTD...
LLDB3 SEMTECH_ELEC-LLDB3 Datasheet
166Kb / 1P
SILICON BIDIRECTIONAL DIACS
logo
Jinan Jingheng (Group) ...
LLDB3 JINANJINGHENG-LLDB3 Datasheet
63Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Taiwan Semiconductor Co...
LLDB3 TSC-LLDB3 Datasheet
89Kb / 2P
150mW Bi-directional Trigger Diode
logo
Rectron Semiconductor
LLDB3 RECTRON-LLDB3 Datasheet
179Kb / 4P
TRIGGER DIODES
More results

Similar Description - LLDB3

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
LSDB3 SEMTECH_ELEC-LSDB3 Datasheet
168Kb / 1P
SILICON BIDIRECTIONAL DIACS
logo
Galaxy Semi-Conductor H...
DB3M BILIN-DB3M Datasheet
76Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
Tiger Electronic Co.,Lt...
DB3-DB4 TGS-DB3-DB4 Datasheet
137Kb / 2P
Silicon Bidirectional Diacs
logo
Shanghai Shunye Electro...
DB3M SHUNYE-DB3M Datasheet
199Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
Diode Semiconductor Kor...
DB3 DSK-DB3 Datasheet
333Kb / 2P
SILICON BIDIRECTIONAL DIACS
DB3M DSK-DB3M Datasheet
88Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
Zibo Seno Electronic En...
LLDB3 ZSELEC-LLDB3 Datasheet
362Kb / 2P
SILICON BIDIRECTIONAL DIACS
logo
SAMYANG ELECTRONICS CO....
DB3 SAMYANG-DB3 Datasheet
400Kb / 2P
SILICON BIDIRECTIONAL DIACS
DB3 SAMYANG-DB3_V01 Datasheet
399Kb / 2P
SILICON BIDIRECTIONAL DIACS
DB3 SAMYANG-DB3_V02 Datasheet
400Kb / 2P
SILICON BIDIRECTIONAL DIACS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com