Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2022AQDREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2022AQDREP
Description  EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2022AQDREP Datasheet(HTML) 2 Page - Texas Instruments

  TLE2022AQDREP Datasheet HTML 1Page - Texas Instruments TLE2022AQDREP Datasheet HTML 2Page - Texas Instruments TLE2022AQDREP Datasheet HTML 3Page - Texas Instruments TLE2022AQDREP Datasheet HTML 4Page - Texas Instruments TLE2022AQDREP Datasheet HTML 5Page - Texas Instruments TLE2022AQDREP Datasheet HTML 6Page - Texas Instruments TLE2022AQDREP Datasheet HTML 7Page - Texas Instruments TLE2022AQDREP Datasheet HTML 8Page - Texas Instruments TLE2022AQDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
TLE202x-EP, TLE202xA-EP
EXCALIBUR HIGH-SPEED LOW-POWER PRECISION
OPERATIONAL AMPLIFIERS
SGLS235D− FEBRUARY 2004 − REVISED SEPTEMBER 2010
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ORDERING INFORMATION
TA
VIOmax
AT 25°C
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
300 μV
SOIC (D)
Tape and reel
TLE2021AQDREP
2021AE
500 μV
SOIC (D)
Tape and reel
TLE2021QDREP
2021QE
40°C to 125°C
300 μV
SOIC (D)
Tape and reel
TLE2022AQDREP
2022AE
−40°C to 125°C
500 μV
SOIC (D)
Tape and reel
TLE2022QDREP
2022QE
750 μV
SOP (DW)
Tape and reel
TLE2024AQDWREP
2024AE
1000 μV
SOP (DW)
Tape and reel
TLE2024QDWREP
2024QE
−55°C to 125°C
500 μV
SOIC (D)
Tape and reel
TLE2021MDREP
2021ME
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available
at www.ti.com/sc/package.
1
2
3
4
8
7
6
5
OFFSET N1
IN−
IN+
VCC −/GND
NC
VCC+
OUT
OFFSET N2
TLE2021
D PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
1OUT
1IN−
1IN+
VCC −/GND
VCC+
2OUT
2IN−
2IN+
TLE2022
D PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1OUT
1IN−
1IN+
VCC+
2IN+
2IN−
2OUT
NC
4OUT
4IN−
4IN+
VCC −/GND
3IN+
3IN−
3OUT
NC
TLE2024
DW PACKAGE
(TOP VIEW)
NC − No internal connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com