Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2141M Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2141M
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2141M Datasheet(HTML) 2 Page - Texas Instruments

  TLE2141M Datasheet HTML 1Page - Texas Instruments TLE2141M Datasheet HTML 2Page - Texas Instruments TLE2141M Datasheet HTML 3Page - Texas Instruments TLE2141M Datasheet HTML 4Page - Texas Instruments TLE2141M Datasheet HTML 5Page - Texas Instruments TLE2141M Datasheet HTML 6Page - Texas Instruments TLE2141M Datasheet HTML 7Page - Texas Instruments TLE2141M Datasheet HTML 8Page - Texas Instruments TLE2141M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TLE2141M, TLE2141AM
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIERS
SGLS059 – NOVEMBER 1990 – REVISED OCTOBER 1991
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
2
description (continued)
The devices are stable with capacitive loads up to 10 nF, although the 6-MHz bandwidth decreases to 1.8 MHz
at this high loading level. As such, the TLE2141M and TLE2141AM are useful for low-droop sample and holds
and direct buffering of long cables, including four 20-mA current loops.
The special design also exhibits an improved insensitivity to inherent IC component mismatches as is evidenced
by a 500-
µV maximum offset voltage and 1.7-µV/°C typical drift. Minimum common-mode rejection ratio and
supply-voltage rejection ratio are 85 dB and 90 dB, respectively.
Device performance is relatively independent of supply voltage over the
±2-V to ±22-V range. Inputs can
operate between VCC– –0.3 to VCC+ –1.8 V without inducing phase reversal, although excessive input current
may flow out of each input exceeding the lower common-mode input range. The all NPN output stage provides
a nearly rail-to-rail output swing of VCC– +0.1 to VCC+ –1 V under light current loading conditions. The device
can sustain shorts to either supply since output current is internally limited, but care must be taken to ensure
that maximum package power dissipation is not exceeded.
Both versions can also be used as comparators. Differential inputs of VCC± can be maintained without damage
to the device. Open-loop propagation delay with TTL supply levels is typically 200 ns. This gives a good
indication as to output stage saturation recovery when the device is overdriven beyond the limits of
recommended output swing.
Both the TLE2141M and TLE2141AM are available in a wide variety of packages, including both the
industry-standard 8-pin small-outline version and chip form for high-density system applications. The M-suffix
is characterized for operation over the full military temperature range of – 55
°C to 125°C.
symbol
OFFSET N1
OFFSET N2
IN +
IN –
OUT
+
–
1
2
3
4
8
7
6
5
OFFSET N1
IN –
IN +
VCC–
NC
VCC+
OUT
OFFSET N2
JG PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
VCC+
NC
OUT
NC
NC
IN –
NC
IN +
NC
FK PACKAGE
(TOP VIEW)
NC – No internal connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com