| Electronic Components Datasheet Search |
|
TLE2082IP Datasheet(PDF) 41 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2082IP Datasheet(HTML) 41 Page - Texas Instruments |
|
41 / 79 page ![]() TLE208x, TLE208xA, TLE208xY EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS SLOS182B – FEBRUARY 1997 – REVISED JUNE 2001 41 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLE2084M electrical characteristics at specified free-air temperature, VCC± = ±15 V (unless otherwise noted) PARAMETER TEST CONDITIONS T † TLE2084M TLE2084AM UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage 25 °C –1.6 7 – 0.5 4 mV VIO Input offset voltage VIC = 0, VO = 0, Full range 12.5 7.5 mV αVIO Temperature coefficient of input offset voltage RS = 50 Ω Full range 10.1 30∗ 10.1 30∗ µV/°C IIO Input offset current 25 °C 15 100 15 100 pA IIO Input offset current VIC = 0, VO = 0, Full range 20 20 nA IIB Input bias current IC O See Figure 4 25 °C 25 175 25 175 pA IIB Input bias current Full range 65 65 nA 15 15 15 15 25 °C to to to to VICR Common-mode input RS =50 Ω – 11 – 11.9 – 11 – 11.9 V VICR voltage range RS = 50 Ω 15 15 V Full range to to g – 10.8 – 10.8 IO = 200 µA 25 °C 13.8 14.1 13.8 14.1 IO = – 200 µA Full range 13.6 13.6 VOM Maximum positive peak IO = 2mA 25 °C 13.5 13.9 13.5 13.9 V VOM + output voltage swing IO = – 2 mA Full range 13.3 13.3 V IO = 20 mA 25 °C 11.5 12.3 11.5 12.3 IO = – 20 mA Full range 11.4 11.4 IO = 200 µA 25 °C – 13.8 – 14.2 – 13.8 – 14.2 IO = 200 µA Full range – 13.6 – 13.6 VOM Maximum negative peak IO =2mA 25 °C – 13.5 – 14 –13.5 – 14 V VOM – g output voltage swing IO = 2 mA Full range – 13.3 – 13.3 V IO =20mA 25 °C – 11.5 – 12.4 – 11.5 – 12.4 IO = 20 mA Full range – 11.4 – 11.4 RL = 600 Ω 25 °C 80 96 80 96 RL = 600 Ω Full range 78 78 AVD Large-signal differential VO = ± 10 V RL =2kΩ 25 °C 90 109 90 109 dB AVD gg voltage amplification VO = ± 10 V RL = 2 kΩ Full range 88 88 dB RL =10kΩ 25 °C 95 118 95 118 RL = 10 kΩ Full range 93 93 ri Input resistance VIC = 0 25 °C 1012 1012 Ω ci Input capacitance VIC = 0, Common mode 25 °C 7.5 7.5 pF ci Input capacitance IC See Figure 5 Differential 25 °C 2.5 2.5 pF zo Open-loop output impedance f = 1 MHz 25 °C 80 80 Ω CMRR Common-mode VIC = VICRmin, 25 °C 80 98 80 98 dB CMRR rejection ratio IC ICR VO = 0, RS = 50 Ω Full range 78 78 dB kSVR Supply-voltage rejection VCC ± = ±5 V to ±15 V, 25 °C 82 99 82 99 dB kSVR yg j ratio ( ∆VCC±/∆VIO) CC ± VO = 0, RS = 50 Ω Full range 80 80 dB ICC Supply current VO = 0 No load 25 °C 5.2 6.5 7.5 5.2 6.5 7.5 mA ICC y ( four amplifiers ) VO = 0, No load Full range 7.5 7.5 mA ax Crosstalk attenuation VIC = 0, RL = 2 kΩ 25 °C 120 120 dB ∗On products compliant with MIL-PRF-38535, Class B, this parameter is not production tested. † Full range is – 55 °C to 125°C. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |