| Electronic Components Datasheet Search |
|
TLE2082MP Datasheet(PDF) 18 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLE2082MP Datasheet(HTML) 18 Page - Texas Instruments |
|
18 / 79 page ![]() TLE208x, TLE208xA, TLE208xY EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS SLOS182B – FEBRUARY 1997 – REVISED JUNE 2001 18 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLE2081M electrical characteristics at specified free-air temperature, VCC± = ±5 V (unless otherwise noted) (continued) PARAMETER TEST CONDITIONS T † TLE2081M TLE2081AM UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT ICC Supply current VO = 0 No load 25 °C 1.35 1.6 2.2 1.35 1.6 2.2 mA ICC Supply current VO = 0, No load Full range 2.2 2.2 mA IOS Short-circuit output VO =0 VID = 1 V 25 °C – 35 – 35 mA IOS current VO = 0 VID = – 1 V 25 °C 45 45 mA † Full range is – 55 °C to 125°C. TLE2081M operating characteristics at specified free-air temperature, VCC± = ±5 V PARAMETER TEST CONDITIONS T † TLE2081M TLE2081AM UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT 25 °C 35 35 SR + Positive slew rate VO(PP) = ± 2.3 V, AVD 1RL 2kΩ Full range 20∗ 20∗ V/ µs AVD = – 1, RL = 2 kΩ, CL = 100 pF, See Figure 1 25 °C 38 38 SR – Negative slew rate CL = 100 F, See Figure 1 Full range 20∗ 20∗ V/ µs t Settling time AVD = – 1, 2-V step, To 10 mV 25 °C 0.25 0.25 µs ts Settling time , RL = 1 kΩ, CL = 100 pF To 1 mV 25 °C 0.4 0.4 µs V Equivalent input noise f = 10 Hz 25 °C 28 28 nV/ √Hz Vn q voltage f = 10 kHz 25 °C 11.6 11.6 nV/ √Hz RS = 20 Ω, f = 10 Hz to 6 6 VN(PP) Peak-to-peak equivalent input noise S See Figure 3 10 kHz 25 °C 6 6 µV VN(PP) equivalent input noise voltage f = 0.1 Hz to 25 °C 06 06 µV voltage 10 Hz 0.6 0.6 In Equivalent input noise current VIC = 0, f = 10 kHz 25 °C 2.8 2.8 fA / √Hz THD+N Total harmonic VO(PP) = 5 V, AVD = 10, f 1 kHz RL 2kΩ 25 °C 0 013% 0 013% THD + N distortion plus noise f = 1 kHz, RL = 2 kΩ, RS = 25 Ω 25 °C 0.013% 0.013% B1 Unity gain bandwidth VI = 10 mV, RL = 2 kΩ, 25 °C 94 94 MHz B1 Unity-gain bandwidth I , L , CL = 25 pF, See Figure 2 25 °C 9.4 9.4 MHz BOM Maximum output-swing VO(PP) = 4 V, AVD = – 1, 25 °C 28 28 MHz BOM g bandwidth O(PP) , VD , RL = 2 kΩ ,CL = 25 pF 25 °C 2.8 2.8 MHz φ Phase margin at unity VI = 10 mV, RL = 2 kΩ, 25 °C 56 ° 56 ° φm gy gain IL CL = 25 pF, See Figure 2 25 °C 56 ° 56 ° ∗On products compliant with MIL-PRF-38535, Class B, this parameter is not production tested. † Full range is – 55 °C to 125°C. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |