| Electronic Components Datasheet Search |
|
TLE2027CD Datasheet(PDF) 10 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2027CD Datasheet(HTML) 10 Page - Texas Instruments |
|
10 / 46 page ![]() TLE2027, TLE2037, TLE2027A, TLE2037A, TLE2027Y, TLE2037Y EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS SLOS192C − FEBRUARY 1997 − REVISED APRIL 2010 10 www.ti.com TLE20x7M electrical characteristics at specified free-air temperature, VCC± = ±15 V (unless otherwise noted) PARAMETER TEST CONDITIONS T † TLE20x7M TLE20x7AM UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT V Input offset voltage 25°C 20 100 10 25 V VIO Input offset voltage Full range 200 105 μV αVIO Temperature coefficient of input offset voltage Full range 0.4 1* 0.2 1* μV/°C Input offset voltage long-term drift (see Note 4) VIC = 0, RS = 50 Ω 25°C 0.006 1* 0.006 1* μV/mo I Input offset current 25°C 6 90 6 90 nA IIO Input offset current Full range 150 150 nA I Input bias current 25°C 15 90 15 90 nA IIB Input bias current Full range 150 150 nA V Common-mode input R 50 Ω 25°C −11 to 11 −13 to 13 −11 to 11 −13 to 13 V VICR Common mode input voltage range RS = 50 Ω Full range −10.3 to 10.3 −10.4 to 10.4 V R 600 Ω 25°C 10.5 12.9 10.5 12.9 V Maximum positive peak RL = 600 Ω Full range 10 10 V VOM + Maximum positive peak output voltage swing R 2 kΩ 25°C 12 13.2 12 13.2 V pg g RL = 2 kΩ Full range 11 11 R 600 Ω 25°C −10.5 −13 −10.5 −13 V Maximum negative peak RL = 600 Ω Full range −10 −10 V VOM − Maximum negative peak output voltage swing R 2 kΩ 25°C − 12 −13.5 − 12 −13.5 V RL = 2 kΩ Full range − 11 − 11 VO = ±11 V, RL = 2 kΩ 25°C 5 45 10 45 L i l diff ti l VO = ±10 V, RL = 2 kΩ Full range 2.5 3.5 AVD Large-signal differential voltage amplification V ±10 V R 1 kΩ 25°C 3.5 38 8 38 V/μV AVD voltage amplification VO = ±10 V, RL = 1 kΩ Full range 1.8 2.2 V/μV V ±10 V R 600 Ω 25°C 2 19 5 19 VO = ±10 V, RL = 600 Ω 25°C 2 19 5 19 Ci Input capacitance 25°C 8 8 pF zo Open-loop output impedance IO = 0 25°C 50 50 Ω CMRR Common-mode rejection VIC = VICRmin, 25°C 100 131 117 131 dB CMRR Common mode rejection ratio VIC = VICRmin, RS = 50 Ω Full range 96 113 dB k Supply-voltage rejection VCC± = ±4 V to ±18 V, RS = 50 Ω 25°C 94 144 110 144 dB kSVR Supply voltage rejection ratio ( ΔVCC± /ΔVIO) VCC± = ±4 V to ±18 V, RS = 50 Ω Full range 90 105 dB I Supply current V 0 No load 25°C 3.8 5.3 3.8 5.3 mA ICC Supply current VO = 0, No load Full range 5.6 5.6 mA * On products compliant to MIL-PRF-38535, this parameter is not production tested. † Full range is − 55°C to 125°C. NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |