| Electronic Components Datasheet Search |
|
TLE2037CD Datasheet(PDF) 16 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLE2037CD Datasheet(HTML) 16 Page - Texas Instruments |
|
16 / 46 page ![]() TLE2027, TLE2037, TLE2027A, TLE2037A, TLE2027Y, TLE2037Y EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS SLOS192C − FEBRUARY 1997 − REVISED APRIL 2010 16 www.ti.com TYPICAL CHARACTERISTICS Table of Graphs FIGURE VIO Input offset voltage Distribution 6, 7 ΔVIO Input offset voltage change vs Time after power on 8, 9 IIO Input offset current vs Free-air temperature 10 I Input bias current vs Free-air temperature 11 IIB Input bias current vs vs Free air temperature Common-mode input voltage 11 12 II Input current vs Differential input voltage 13 VO(PP) Maximum peak-to-peak output voltage vs Frequency 14, 15 V Maximum (positive/negative) peak output vs Load resistance 16, 17 VOM Maximum (positive/negative) peak output voltage vs vs Load resistance Free-air temperature 16, 17 18, 19 vs Supply voltage 20 A Large signal differential voltage amplification vs vs Supply voltage Load resistance 20 21 AVD Large-signal differential voltage amplification vs vs Load resistance Frequency 21 22 − 25 vs vs Frequency Free-air temperature 22 25 26 zo Output impedance vs Frequency 27 CMRR Common-mode rejection ratio vs Frequency 28 kSVR Supply-voltage rejection ratio vs Frequency 29 vs Supply voltage 30, 31 IOS Short-circut output current vs vs Supply voltage Elapsed time 30, 31 32, 33 IOS Short circut output current vs vs Elapsed time Free-air temperature 32, 33 34, 35 I Supply current vs Supply voltage 36 ICC Supply current vs vs Supply voltage Free-air temperature 36 37 Voltage follower pulse response Small signal 38, 40 Voltage-follower pulse response Small signal Large signal 38, 40 39, 41 Vn Equivalent input noise voltage vs Frequency 42 Noise voltage (referred to input) Over 10-second interval 43 B Unity gain bandwidth vs Supply voltage 44 B1 Unity-gain bandwidth vs vs Supply voltage Load capacitance 44 45 Gain bandwidth product vs Supply voltage 46 Gain bandwidth product vs vs Supply voltage Load capacitance 46 47 SR Slew rate vs Free-air temperature 48, 49 vs Supply voltage 50, 51 φm Phase margin vs vs Supply voltage Load capacitance 50, 51 52, 53 φm Phase margin vs vs Load capacitance Free-air temperature 52, 53 54, 55 Phase shift vs Frequency 22 − 25 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |