Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1647P Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1647P
Description  Nonvolatile Timekeeping RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1647P Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1647P Datasheet HTML 2Page - Dallas Semiconductor DS1647P Datasheet HTML 3Page - Dallas Semiconductor DS1647P Datasheet HTML 4Page - Dallas Semiconductor DS1647P Datasheet HTML 5Page - Dallas Semiconductor DS1647P Datasheet HTML 6Page - Dallas Semiconductor DS1647P Datasheet HTML 7Page - Dallas Semiconductor DS1647P Datasheet HTML 8Page - Dallas Semiconductor DS1647P Datasheet HTML 9Page - Dallas Semiconductor DS1647P Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DS1647/DS1647P
6 of 11
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to +7.0V
Storage Temperature
-40°C to +85°C
Soldering Temperature
260°C for 10 seconds (DIP Package) (See Note 7)
See IPC/JEDEC Standard J-STD-020A for
Surface Mount Devices
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
OPERATING RANGE
Range
Temperature
VCC
Commercial
0°C to +70°C
5V
± 10%
RECOMMENDED DC OPERATING CONDITIONS
(Over the Operating Range)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Supply Voltage
VCC
4.5
5.0
5.5
V
1
Logic 1 Voltage All Inputs
VIH
2.2
VCC+0.3
V
Logic 0 Voltage All Inputs
VIL
-0.3
0.8
V
DC ELECTRICAL CHARACTERISTICS
(Over the Operating Range)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Average VCC Power Supply Current
ICC1
85
mA
2, 3
TTL Standby Current ( CE =VIH)
ICC2
3
6
mA
2, 3
CMOS Standby Current
( CE =VCC-0.2V)
ICC3
2
4.0
mA
2, 3
Input Leakage Current (any input)
IIL
-1
+1
mA
Output Leakage Current
IOL
-1
+1
mA
Output Logic 1 Voltage
(IOUT = -1.0 mA)
VOH
2.4
V
Output Logic 0 Voltage
(IOUT = +2.1 mA)
VOL
0.4
V
Write Protection Voltage
VPF
4.0
4.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com