Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1822 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1822
Description  Econo 1-Wire Digital Thermometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1822 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1822 Datasheet HTML 1Page - Dallas Semiconductor DS1822 Datasheet HTML 2Page - Dallas Semiconductor DS1822 Datasheet HTML 3Page - Dallas Semiconductor DS1822 Datasheet HTML 4Page - Dallas Semiconductor DS1822 Datasheet HTML 5Page - Dallas Semiconductor DS1822 Datasheet HTML 6Page - Dallas Semiconductor DS1822 Datasheet HTML 7Page - Dallas Semiconductor DS1822 Datasheet HTML 8Page - Dallas Semiconductor DS1822 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DS1822
5 of 20
The use of parasite power is not recommended for temperatures above 100
°C since the DS1822 may not
be able to sustain communications due to the higher leakage currents that can exist at these temperatures.
For applications in which such temperatures are likely, it is strongly recommended that the DS1822 be
powered by an external power supply.
In some situations the bus master may not know whether the DS1822s on the bus are parasite powered or
powered by external supplies. The master needs this information to determine if the strong bus pullup
should be used during temperature conversions. To get this information, the master can issue a Skip ROM
[CCh] command followed by a Read Power Supply [B4h] command followed by a “read-time slot”.
During the read time slot, parasite powered DS1822s will pull the bus low, and externally powered
DS1822s will let the bus remain high. If the bus is pulled low, the master knows that it must supply the
strong pullup on the 1-Wire bus during temperature conversions.
SUPPLYING THE PARASITE-POWERED DS1822 DURING TEMPERATURE
CONVERSIONS Figure 4
POWERING THE DS1822 WITH AN EXTERNAL SUPPLY Figure 5
64-BIT LASERED ROM CODE
Each DS1822 contains a unique 64–bit code (see Figure 6) stored in ROM. The least significant 8 bits of
the ROM code contain the DS1822’s 1-Wire family code: 22h. The next 48 bits contain a unique serial
number. The most significant 8 bits contain a cyclic redundancy check (CRC) byte that is calculated from
the first 56 bits of the ROM code. A detailed explanation of the CRC bits is provided in the CRC
GENERATION section. The 64-bit ROM code and associated ROM function control logic allow the
DS1822 to operate as a 1-Wire device using the protocol detailed in the 1-WIRE BUS SYSTEM section
of this data sheet.
64-BIT LASERED ROM CODE Figure 6
8-BIT CRC
48-BIT SERIAL NUMBER
8-BIT FAMILY CODE (22h)
MSB
MSB
LSB
LSB
LSB
MSB
VDD (External Supply)
DS1822
GND
VDD
DQ
VPU
4.7k
To Other
1-Wire Devices
1-Wire Bus
Micro-
processor
VPU
VPU
4.7k
1-Wire Bus
Micro-
processor
DS1822
GND
VDD
DQ
To Other
1-Wire Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com