Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC377 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC377
Description  High-Speed CMOS Logic Octal D-Type Flip-Flop With Data Enable
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC377 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC377 Datasheet HTML 1Page - Texas Instruments CD74HC377 Datasheet HTML 2Page - Texas Instruments CD74HC377 Datasheet HTML 3Page - Texas Instruments CD74HC377 Datasheet HTML 4Page - Texas Instruments CD74HC377 Datasheet HTML 5Page - Texas Instruments CD74HC377 Datasheet HTML 6Page - Texas Instruments CD74HC377 Datasheet HTML 7Page - Texas Instruments CD74HC377 Datasheet HTML 8Page - Texas Instruments CD74HC377 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS184C
Features
• Buffered Common Clock
• Buffered Inputs
• Typical Propagation Delay at CL = 15pF,
VCC = 5V, TA = 25
oC
- 14 ns (HC Types
- 16 ns (HCT Types)
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30%of VCC at
VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC377 and ’HCT377 are octal D-type flip-flops with a
buffered clock (CP) common to all eight flip-flops. All the flip-
flops are loaded simultaneously on the positive edge of the
clock (CP) when the Data Enable (E) is Low.
Pinout
CD54HC377, CD54HCT377
(CERDIP)
CD74HC377
(PDIP, SOIC, TSSOP)
CD74HCT377
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC377F3A
-55 to 125
20 Ld CERDIP
CD54HCT377F3A
-55 to 125
20 Ld CERDIP
CD74HC377E
-55 to 125
20 Ld PDIP
CD74HC377M
-55 to 125
20 Ld SOIC
CD74HC377M96
-55 to 125
20 Ld SOIC
CD74HC377PW
-55 to 125
20 Ld TSSOP
CD74HC377PWR
-55 to 125
20 Ld TSSOP
CD74HCT377E
-55 to 125
20 Ld PDIP
CD74HCT377M
-55 to 125
20 Ld SOIC
CD74HCT377M96
-55 to 125
20 Ld SOIC
NOTE: When ordering, use the entire part number. The suffixes
96 and R denote tape and reel.
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
E
Q0
D0
D1
Q1
Q2
D3
D2
Q3
GND
VCC
D7
D6
Q6
Q7
Q5
D5
D4
Q4
CP
September 1997 - Revised February 2004
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2004, Texas Instruments Incorporated
CD54HC377, CD74HC377,
CD54HCT377, CD74HCT377
High-Speed CMOS Logic
Octal D-Type Flip-Flop With Data Enable
[ /Title
(CD74
HC377
,
CD74
HCT37
7)
/Sub-
ject
(High
Speed
CMOS
Logic
Octal
D-
Type
Flip-


Similar Part No. - CD74HC377

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC377 TI-CD74HC377 Datasheet
55Kb / 7P
High Speed CMOS Logic Octal D-Type Flip-Flop with Data Enable
CD74HC377 TI1-CD74HC377 Datasheet
951Kb / 19P
High-Speed CMOS Logic Octal D-Type Flip-Flop
CD74HC377 TI2-CD74HC377 Datasheet
789Kb / 20P
High-Speed CMOS Logic Octal D-Type Flip-Flop With Data Enable
Revised February 2004
CD74HC377-MIL TI1-CD74HC377-MIL Datasheet
951Kb / 19P
High-Speed CMOS Logic Octal D-Type Flip-Flop
CD74HC377E TI-CD74HC377E Datasheet
55Kb / 7P
High Speed CMOS Logic Octal D-Type Flip-Flop with Data Enable
More results

Similar Description - CD74HC377

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT377A PHILIPS-74ABT377A Datasheet
55Kb / 12P
Octal D-type flip-flop with enable
1997 Feb 26
74F377A PHILIPS-74F377A Datasheet
84Kb / 10P
Octal D-type flip-flop with enable
1996 Mar 12
logo
Texas Instruments
CD74HC273 TI-CD74HC273 Datasheet
54Kb / 8P
High Speed CMOS Logic Octal D-Type Flip-Flop with Reset
CD74HC377 TI-CD74HC377 Datasheet
55Kb / 7P
High Speed CMOS Logic Octal D-Type Flip-Flop with Data Enable
logo
NXP Semiconductors
74AC11377 PHILIPS-74AC11377 Datasheet
177Kb / 7P
OCTAL D TYPE FLIP FLOP WITH ENABLE
July 30 1990
logo
Texas Instruments
CD54HC273 TI-CD54HC273 Datasheet
295Kb / 7P
High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
74AC11377 TI1-74AC11377_10 Datasheet
107Kb / 8P
OCTAL D TYPE FLIP FLOP WITH ENABLE
CD54HC273 TI1-CD54HC273_16 Datasheet
858Kb / 18P
High-Speed CMOS Logic Octal D-Type Flip-Flop with Reset
CD54HC377 TI1-CD54HC377_16 Datasheet
951Kb / 19P
High-Speed CMOS Logic Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com