Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3LP-306L Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # P3LP-306L
Description  Low Pass LC Filter Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

P3LP-306L Datasheet(HTML) 2 Page - Coilcraft lnc.

  P3LP-306L Datasheet HTML 1Page - Coilcraft lnc. P3LP-306L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 118-2
7 Pole Filters*
3 Pole Filters*
*Measured on Agilent/HP 8753D network analyzer (re: 50)
Frequency (MHz)
0
10
20
30
40
50
60
70
80
10
100
1000
Frequency (MHz)
0
10
20
30
40
50
60
70
80
1
10
100
Frequency (MHz)
0
10
20
30
40
50
60
70
80
100
1000
10000
Frequency (MHz)
0
10
20
30
40
50
60
70
80
0.1
110
P7LP-304
P7LP-155
P7LP-157
P7LP-156
P7LP-604
P7LP-605
P7LP-507
P7LP-606
P7LP-305
P7LP-307
P7LP-306
Frequency (MHz)
0
10
20
30
40
50
60
70
10
100
1000
Frequency (MHz)
0
10
20
30
40
50
60
70
100
1000
10000
Frequency (MHz)
0
10
20
30
40
50
60
70
1
10
100
Frequency (MHz)
0
10
20
30
40
50
60
70
0.1
1
10
P3LP-304
P3LP-606
P3LP-605
P3LP-604
P3LP-155
P3LP-305
P3LP-157
P3LP-307
P3LP-507
P3LP-306
P3LP-156
Document 118-2 Revised 01/24/12



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com