Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSD103 Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # MMSD103
Description  High Voltage switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

MMSD103 Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  MMSD103 Datasheet HTML 1Page - Diode Semiconductor Korea MMSD103 Datasheet HTML 2Page - Diode Semiconductor Korea MMSD103 Datasheet HTML 3Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Voltage switching Diode
MMSD103
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
PACKAGE OUTLINE
Plastic surface mounted package
SOD-123
SOD-123
Dim
Min
Max
A
1.4
1.8
B
2.55
2.85
C
1.15 Typical
D
0.5
0.6
E
0.3
0.4
H
0.02
0.10
J
0.1 Typical
K
3.55
3.85
All Dimensions in mm
K
J
H
E
D
C
A
B
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com