Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4581CS Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL4581CS
Description  Sync Separator, 50% Slice, S-H, Filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4581CS Datasheet(HTML) 3 Page - Intersil Corporation

  EL4581CS Datasheet HTML 1Page - Intersil Corporation EL4581CS Datasheet HTML 2Page - Intersil Corporation EL4581CS Datasheet HTML 3Page - Intersil Corporation EL4581CS Datasheet HTML 4Page - Intersil Corporation EL4581CS Datasheet HTML 5Page - Intersil Corporation EL4581CS Datasheet HTML 6Page - Intersil Corporation EL4581CS Datasheet HTML 7Page - Intersil Corporation EL4581CS Datasheet HTML 8Page - Intersil Corporation EL4581CS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Pin Descriptions
PIN NUMBER
PIN NAME
FUNCTION
1
Composite Sync Out
Composite sync pulse output. Sync pulses start on a falling edge and end on a rising edge.
2
Composite Video in
AC coupled composite video input. Sync tip must be at the lowest potential (Positive picture phase).
3
Vertical Sync Out
Vertical sync pulse output. The falling edge of Vert Sync is the start of the vertical period.
4
GND
Supply ground.
5
Burst/Back Porch Output
Burst/Back porch output. Low during burst portion of composite video.
6RSET (Note 1)
An external resistor to ground sets all internal timing. 681k, 1% resistor will provide correct timing
for NTSC signals.
7
Odd/Even Output
Odd/Even field output. Low during odd fields, high during even fields. Transitions occur at start of
Vert Sync pulse.
8VDD 5V
Positive supply. (5V)
NOTE 1. RSET must be a 1% resistor.
EL4581



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com