Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3680N Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS3680N
Description  Quad Negative Voltage Relay Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3680N Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS3680N Datasheet HTML 1Page - National Semiconductor (TI) DS3680N Datasheet HTML 2Page - National Semiconductor (TI) DS3680N Datasheet HTML 3Page - National Semiconductor (TI) DS3680N Datasheet HTML 4Page - National Semiconductor (TI) DS3680N Datasheet HTML 5Page - National Semiconductor (TI) DS3680N Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (GND to VEEb and Any Pin)
b
70V
Positive Input Voltage (Input to GND)
20V
Negative Input Voltage (Input to VEEb)
b
5V
Differential Voltage (aIN to bIN)
g
20V
Inductive Load
LLs5h
ILs50 mA
Output Current
b
100 mA
Storage Temperature
b
65 Cto a150 C
Maximum Power Dissipation at 25 C
Cavity Package
1433 mW
Molded Dip Package
1398 mW
SO Package
1002 mW
Lead Temperature (Soldering 4 seconds)
260 C
Derate cavity package 96 mW C above 25 C derate molded dip pack-
age 112 mW C above 25 C derate SO package 802 mW C above
25 C
Recommended Operating
Conditions
Min
Max
Units
Supply Voltage (GND to VEEb)
b
10
b
60
V
Input Voltage (Input to GND)
b
20
20
V
Logic ON Voltage (aIN)
Referenced to bIN
2
20
V
Logic OFF Voltage (aIN)
Referenced to bIN
b
20
08
V
Temperature Range
b
25
a
85
C
Electrical Characteristics (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
Logic ‘‘1’’ Input Voltage
20
13
V
VIL
Logic ‘‘0’’ Input Voltage
13
08
V
IINH
Logic ‘‘1’’ Input Current
VIN e 2V
40
100
m
A
VIN e 7V
375
1000
m
A
IINL
Logic ‘‘0’’ Input Current
VIN e 04V
b
001
b
5
m
A
VIN eb7V
b
1
b
100
m
A
VOL
Output ON Voltage
IOL e 50 mA
b
16
b
21
V
IOFF
Output Leakage
VOUT e VEEbb2
b
100
m
A
IFS
Fail-Safe Output Leakage
VOUT e VEEb
b
2
b
100
m
A
(Inputs Open)
ILC
Output Clamp Leakage Current
VOUT e GND
2
100
m
A
VC
Output Clamp Voltage
ICLAMP eb50 mA
b
2
b
12
V
Referenced to VEEb
VP
Positive Output Clamp Voltage
ICLAMP e 50 mA
09
12
V
Referenced to GND
IEE(ON)
ON Supply Current
All Drivers ON
b
2
b
44
mA
IEE(OFF)
OFF Supply Current
All Drivers OFF
b
1
b
100
m
A
tPD(ON)
Propagation Delay to Driver ON
L e 1h RL e 1k
110
m
s
VIN e3V Pulse
tPD(OFF)
Propagation Delay to Driver OFF
L e 1h RL e 1k
110
m
s
VIN e 3V Pulse
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the device should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Unless otherwise specified the minmax limits of the table of ‘‘Electrical Characteristics’’ apply within the range of the table of ‘‘Operating Conditions’’ All
typical values are given for VEEb e 52V and TA e 25 C
Note 3
All current into device pins shown as positive out of the device as negative All voltages are referenced to ground unless otherwise noted
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com