Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC14F Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC14F
Description  High-Speed CMOS Logic Hex Inverting Schmitt Trigger
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC14F Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD54HC14F Datasheet HTML 2Page - Texas Instruments CD54HC14F Datasheet HTML 3Page - Texas Instruments CD54HC14F Datasheet HTML 4Page - Texas Instruments CD54HC14F Datasheet HTML 5Page - Texas Instruments CD54HC14F Datasheet HTML 6Page - Texas Instruments CD54HC14F Datasheet HTML 7Page - Texas Instruments CD54HC14F Datasheet HTML 8Page - Texas Instruments CD54HC14F Datasheet HTML 9Page - Texas Instruments CD54HC14F Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CD54HC14F
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
CD54HC14F3A
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
CD54HCT14F
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
CD54HCT14F3A
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
CD74HC14E
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
CD74HC14M
ACTIVE
SOIC
D
14
50
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD74HC14M96
ACTIVE
SOIC
D
14
2500
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD74HC14MT
ACTIVE
SOIC
D
14
250
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD74HC14PW
ACTIVE
TSSOP
PW
14
90
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
CD74HC14PWR
ACTIVE
TSSOP
PW
14
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
CD74HCT14E
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
CD74HCT14M
ACTIVE
SOIC
D
14
50
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD74HCT14M96
ACTIVE
SOIC
D
14
2500
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD74HCT14MT
ACTIVE
SOIC
D
14
250
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD74HCT14PW
ACTIVE
TSSOP
PW
14
90
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
CD74HCT14PWR
ACTIVE
TSSOP
PW
14
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
PACKAGE OPTION ADDENDUM
www.ti.com
28-Feb-2005
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com