Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2037CDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2037CDR
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2037CDR Datasheet(HTML) 1 Page - Texas Instruments

  TLE2037CDR Datasheet HTML 1Page - Texas Instruments TLE2037CDR Datasheet HTML 2Page - Texas Instruments TLE2037CDR Datasheet HTML 3Page - Texas Instruments TLE2037CDR Datasheet HTML 4Page - Texas Instruments TLE2037CDR Datasheet HTML 5Page - Texas Instruments TLE2037CDR Datasheet HTML 6Page - Texas Instruments TLE2037CDR Datasheet HTML 7Page - Texas Instruments TLE2037CDR Datasheet HTML 8Page - Texas Instruments TLE2037CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
TLE2027, TLE2037, TLE2027A, TLE2037A, TLE2027Y, TLE2037Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS192C − FEBRUARY 1997 − REVISED APRIL 2010
1
D Outstanding Combination of dc Precision
and AC Performance:
Unity-Gain Bandwidth...15 MHz Typ
Vn
3.3 nV/√Hz at f = 10 Hz Typ,
. . . . .
2.5 nV/√Hz at f = 1 kHz Typ
VIO
25 μV Max
. . . .
AVD
45 V/μV Typ With RL = 2 kΩ,
. . . .
19 V/μV Typ With RL = 600 Ω
D Available in Standard-Pinout Small-Outline
Package
D Output Features Saturation Recovery
Circuitry
D Macromodels and Statistical information
description
The TLE20x7 and TLE20x7A contain innovative
circuit design expertise and high-quality process
control techniques to produce a level of ac
performance and dc precision previously unavail-
able in single operational amplifiers. Manufac-
tured using Texas Instruments state-of-the-art
Excalibur process, these devices allow upgrades
to systems that use lower-precision devices.
In the area of dc precision, the TLE20x7 and
TLE20x7A offer maximum offset voltages of
100 μV and 25 μV, respectively, common-mode
rejection ratio of 131 dB (typ), supply voltage
rejection ratio of 144 dB (typ), and dc gain of
45 V/μV (typ).
AVAILABLE OPTIONS
PACKAGED DEVICES
CHIP
TA
VIOmax AT
25
°C
SMALL
OUTLINE†
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
CHIP
FORM‡
(Y)
0
°C to 70°C
25
μV
TLE2027ACD
TLE2037ACD
—
—
—
—
TLE2027ACP
TLE2037ACP
TLE2027Y
TLE2037Y
0
°C to 70°C
100
μV
TLE2027CD
TLE2037CD
—
—
—
—
TLE2027CP
TLE2037CP
TLE2027Y
TLE2037Y
40
°C to 105°C
25
μV
TLE2027AID
TLE2037AID
—
—
—
—
TLE2027AIP
TLE2037AIP
—
−40
°C to 105°C
100
μV
TLE2027ID
TLE2037ID
—
—
—
—
TLE2027IP
TLE2037IP
—
55
°C to 125°C
25
μV
TLE2027AMD
TLE2037AMD
TLE2027AMFK
TLE2037AMFK
TLE2027AMJG
TLE2037AMJG
TLE2027AMP
TLE2037AMP
—
−55
°C to 125°C
100
μV
TLE2027MD
TLE2037MD
TLE2027MFK
TLE2037MFK
TLE2027MJG
TLE2037MJG
TLE2027MP
TLE2037MP
—
† The D packages are available taped and reeled. Add R suffix to device type (e.g., TLE2027ACDR).
‡ Chip forms are tested at 25°C only.
Copyright © 2002−2006, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
www.ti.com
1
2
3
4
8
7
6
5
OFFSET N1
IN −
IN +
VCC −
OFFSET N2
VCC +
OUT
NC
D, JG, OR P PACKAGE
(TOP VIEW)
3 2 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
VCC+
NC
OUT
NC
NC
IN−
NC
IN+
NC
FK PACKAGE
(TOP VIEW)


Similar Part No. - TLE2037CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2037CDR TI1-TLE2037CDR Datasheet
994Kb / 46P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2037CDR TI1-TLE2037CDR Datasheet
968Kb / 45P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2037CDRG4 TI1-TLE2037CDRG4 Datasheet
994Kb / 46P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - TLE2037CDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2027 TI-TLE2027 Datasheet
562Kb / 35P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI-TLE214X Datasheet
1Mb / 70P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2144 TI-TLE2144 Datasheet
898Kb / 60P
EXCALIBUR LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI-TLE214X_07 Datasheet
1Mb / 72P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2142X TI-TLE2142X Datasheet
1Mb / 72P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI-TLE214X_08 Datasheet
1Mb / 72P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2027IDRG4 TI1-TLE2027IDRG4 Datasheet
1,022Kb / 46P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2037IDR TI1-TLE2037IDR Datasheet
994Kb / 46P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI1-TLE214X_16 Datasheet
1Mb / 77P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2027 TI1-TLE2027_17 Datasheet
968Kb / 45P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com