Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R3000 Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # R3000
Description  HIGH VOLTAGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

R3000 Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  R3000 Datasheet HTML 1Page - Diode Semiconductor Korea R3000 Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Case:JEDEC DO--15,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.014 ounces,0.39 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 0.2A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Typical junction capacitance
(Note1)
CJ
pF
Typical thermal resistance
(Note2)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
NOTE: 1. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
50.0
- 55 ---- + 150
A
5.0
IF(AV)
0.2
1750
3000
The plastic material carries U/L recognition 94V-0
R2500
R3000
R2500--- R5000
Easily cleaned with alcohol,Isopropanol
and similar solvents
HIGH VOLTAGE RECTIFIERS
VOLTAGE RANGE: 2500 --- 5000 V
CURRENT:
0.2 A
DO - 15
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
A
30.0
IFSM
IR
30
35
2. Thermal resistance f rom junction to ambient.
3.0
- 55 ---- + 150
A
2500
3000
4000
5000
2500
4.0
5.0
R4000
R5000
4000
2800
5000
3500
2100
Dimensions in millimeters
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - R3000

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R3000 RECTRON-R3000 Datasheet
19Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
logo
Dc Components
R3000 DCCOM-R3000 Datasheet
330Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE SILICON RECTIFIER
logo
Diodes Incorporated
R3000 DIODES-R3000 Datasheet
59Kb / 2P
HIGH VOLTAGE RECTIFIER
DS21101 Rev. E-3
logo
MIC GROUP RECTIFIERS
R3000 MIC-R3000 Datasheet
172Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Shanghai Lunsure Electr...
R3000 CHENYI-R3000 Datasheet
48Kb / 2P
200Milliamp high voltage silicon rectifier 2500to3000 volts
More results

Similar Description - R3000

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
UGE3126AY4 IXYS-UGE3126AY4 Datasheet
57Kb / 2P
High Voltage Rectifiers
logo
Semikron International
SI-E3000-1350-2.5 SEMIKRON-SI-E3000-1350-2.5 Datasheet
98Kb / 2P
High voltage rectifiers
logo
Galaxy Semi-Conductor H...
R1200F BILIN-R1200F Datasheet
73Kb / 2P
HIGH VOLTAGE RECTIFIERS
logo
Shenzhen Luguang Electr...
3R12 LUGUANG-3R12 Datasheet
156Kb / 2P
High Voltage Rectifiers
logo
Diode Semiconductor Kor...
R1200 DSK-R1200 Datasheet
55Kb / 2P
HIGH VOLTAGE RECTIFIERS
3R12 DSK-3R12 Datasheet
64Kb / 2P
HIGH VOLTAGE RECTIFIERS
logo
Galaxy Semi-Conductor H...
PR1600 BILIN-PR1600 Datasheet
264Kb / 2P
HIGH VOLTAGE RECTIFIERS
R1200 BILIN-R1200_15 Datasheet
256Kb / 2P
HIGH VOLTAGE RECTIFIERS
R1200F BILIN-R1200F_15 Datasheet
287Kb / 2P
HIGH VOLTAGE RECTIFIERS
R2500 BILIN-R2500 Datasheet
275Kb / 2P
HIGH VOLTAGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com