Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2D Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # S2D
Description  SURFACE MOUNT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

S2D Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  S2D Datasheet HTML 1Page - Diode Semiconductor Korea S2D Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4 . 5± 0.1 5
1.25± 0.2
0.2± 0.05
5 . 3± 0.2
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified
S2D
S2G
S2J
S2K
S2M
Maximum recurrent peak reverse voltage
V
RRM
200
400
600
800
1000
V
Maximum RMS voltage
V
RWS
140
280
420
560
700
V
Maximum DC Blocking Voltage
V
DC
200
400
600
800
1000
V
Maximum average forw ord rectified current at
V T
L=100
OC
I
(AV)
A
Peak forw ard surge current @ T
L = 110°C 8.3ms
V single half-sine-w ave superimposed on rated
V load(JEDEC Method)
I
FSM
A
Maximum Instantaneous Forw ard Voltage at 2.0A
V
F
V
Maximum DC reverse current
@T
A=25
oC
at rated DC blocking voltage
@T
A=125
oC
Maximum reverse recovery time (NOTE1)
t
rr
μS
Typical junction capacitance (NOTE 2)
C
J
pF
RθJA
RθJL
Operating junction and storage temperature range TJTSTG
oC
◇ Plastic package has Underwriters Laboratory
111 Flammability Classification 94V-0
UNITS
50
100
35
70
50
100
◇ For surface mounted applications
125.0
1.15
-55--------+150
1.0
53.0
16.0
◇ High current capability
2.0
IR
3. Thermal resistance f rom junction to ambient and junction to lead P.C.B.mounted on 0.27''X0.27''(7.0X7.0mm2) copper pad areas
NOTE: 1.Rev erse recov ery time test conditions:I
F=0.5A,IR=1.0A,Irr=0.25A
μA
50.0
S2A---S2M
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0 Volts
30.0
2.0
111REVERSE VOLTAGE: 50 --- 1000 V
CURRENT: 2.0 A
◇ Built-in strain relief,ideal for automated placement
◇ Case:JEDEC DO-214AA,molded plastic over
1111passivated chip
SURFACE MOUNT RECTIFIERS
DO - 214AA(SMB)
Typical thermal resitance (NOTE3)
oC/W
S2B
◇ High temperature soldering:
111 250
oC/10 seconds at terminals
◇ Low profile package
S2A
◇ Polarity: Color band denotes cathode end
◇ Weight: 0.003 ounces, 0.093 gram
◇ Terminals:Solder Plated, solderable per MIL-STD-
1111750, Method 2026
Dimensions in millimeters
Diode Semiconductor Korea
www.diode.kr


Similar Part No. - S2D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S2D PANJIT-S2D Datasheet
58Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
S2D SURGE-S2D Datasheet
85Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 2.0 Ampere????
logo
Transys Electronics
S2D TRSYS-S2D Datasheet
176Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Jinan Gude Electronic D...
S2D JGD-S2D Datasheet
150Kb / 2P
1.5 AMPS. SURFACE MOUNT RECTIFIERS
logo
Shanghai Sunrise Electr...
S2D SSE-S2D Datasheet
16Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results

Similar Description - S2D

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SynSemi, Inc.
S3A SYNSEMI-S3A Datasheet
31Kb / 2P
SURFACE MOUNT RECTIFIERS
SN2A SYNSEMI-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES1A SAMYANG-ES1A_V01 Datasheet
517Kb / 2P
SURFACE MOUNT RECTIFIERS
ES2A SAMYANG-ES2A_V02 Datasheet
522Kb / 2P
SURFACE MOUNT RECTIFIERS
ES3HB SAMYANG-ES3HB Datasheet
512Kb / 2P
SURFACE MOUNT RECTIFIERS
UF2AA SAMYANG-UF2AA Datasheet
456Kb / 2P
SURFACE MOUNT RECTIFIERS
UF3A SAMYANG-UF3A Datasheet
462Kb / 2P
SURFACE MOUNT RECTIFIERS
RS2AA SAMYANG-RS2AA_V01 Datasheet
412Kb / 2P
SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com