Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2341IPWLE Datasheet(PDF) 45 Page - Texas Instruments

Part # TLV2341IPWLE
Description  LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2341IPWLE Datasheet(HTML) 45 Page - Texas Instruments

Back Button TLV2341IPWLE Datasheet HTML 41Page - Texas Instruments TLV2341IPWLE Datasheet HTML 42Page - Texas Instruments TLV2341IPWLE Datasheet HTML 43Page - Texas Instruments TLV2341IPWLE Datasheet HTML 44Page - Texas Instruments TLV2341IPWLE Datasheet HTML 45Page - Texas Instruments TLV2341IPWLE Datasheet HTML 46Page - Texas Instruments TLV2341IPWLE Datasheet HTML 47Page - Texas Instruments TLV2341IPWLE Datasheet HTML 48Page - Texas Instruments TLV2341IPWLE Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
–
+
TLE2426
VO
VI
R1
R2
VDD
Figure 97. Inverting Amplifier With
Voltage Reference
V
O+
V
DD
–V
I
2
R2
R1
)
V
DD
2
TLV2341, TLV2341Y
LinCMOS
™ PROGRAMMABLE LOW-VOLTAGE
OPERATIONAL AMPLIFIERS
SLOS110A – MAY 1992 – REVISED AUGUST 1994
45
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
generally measured by monitoring the distortion level of the output while increasing the frequency of a sinusoidal
input signal until the maximum frequency is found above which the output contains significant distortion. The
full-peak response is defined as the maximum output frequency, without regard to distortion, above which full
peak-to-peak output swing cannot be maintained.
Because there is no industry-wide accepted value for significant distortion, the full-peak response is specified
in this data sheet and is measured using the circuit of Figure 92. The initial setup involves the use of a sinusoidal
input to determine the maximum peak-to-peak output of the device (the amplitude of the sinusoidal wave is
increased until clipping occurs). The sinusoidal wave is then replaced with a square wave of the same
amplitude. The frequency is then increased until the maximum peak-to-peak output can no longer be maintained
(Figure 96). A square wave is used to allow a more accurate determination of the point at which the maximum
peak-to-peak output is reached.
(d) f > BOM
(c) f = BOM
(b) BOM > f > 100 Hz
(a) f = 100 Hz
Figure 96. Full-Power-Response Output Signal
test time
Inadequate test time is a frequent problem, especially when testing CMOS devices in a high-volume,
short-test-time environment. Internal capacitances are inherently higher in CMOS than in bipolar and BiFET
devices and require longer test times than their bipolar and BiFET counterparts. The problem becomes more
pronounced with reduced supply levels and lower temperatures.
APPLICATION INFORMATION
single-supply operation
While the TLV2341 performs well using dual-
power supplies (also called balanced or split
supplies), the design is optimized for single-
supply operation. This includes an input common-
mode voltage range that encompasses ground as
well as an output voltage range that pulls down to
ground. The supply voltage range extends down
to 2 V, thus allowing operation with supply levels
commonly available for TTL and HCMOS.
Many single-supply applications require that a
voltage be applied to one input to establish a
reference level that is above ground. This virtual
ground can be generated using two large
resistors, but a preferred technique is to use a
virtual-ground generator such as the TLE2426.
The TLE2426 supplies an accurate voltage equal
to VDD/2, while consuming very little power and is
suitable for supply voltages of greater than 4 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com