Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2332IPWLE Datasheet(PDF) 27 Page - Texas Instruments

Part # TLV2332IPWLE
Description  LinCMOSE LOW-VOLTAGE MEDIUM-POWER OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2332IPWLE Datasheet(HTML) 27 Page - Texas Instruments

Back Button TLV2332IPWLE Datasheet HTML 23Page - Texas Instruments TLV2332IPWLE Datasheet HTML 24Page - Texas Instruments TLV2332IPWLE Datasheet HTML 25Page - Texas Instruments TLV2332IPWLE Datasheet HTML 26Page - Texas Instruments TLV2332IPWLE Datasheet HTML 27Page - Texas Instruments TLV2332IPWLE Datasheet HTML 28Page - Texas Instruments TLV2332IPWLE Datasheet HTML 29Page - Texas Instruments TLV2332IPWLE Datasheet HTML 30Page - Texas Instruments TLV2332IPWLE Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
Figure 43. Resistive Pullup to Increase VOH
–
+
R
P +
V
DD *
V
O
I
F )
I
L )
I
P
IP = Pullup Current
Required by the
Operational Amplifier
(typically 500
µA)
VO
VDD
RP
IP
IF
IL
RL
VI
R1
R2
–
+
VO
CL
VI
2.5 V
TA = 25°C
f = 1 kHz
VI(PP) = 1 V
– 2.5 V
Figure 44. Test Circuit for Output Characteristics
TLV2332, TLV2332Y, TLV2334, TLV2334Y
LinCMOS
™ LOW-VOLTAGE MEDIUM-POWER
OPERATIONAL AMPLIFIERS
SLOS189 – FEBRUARY 1997
27
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
latch-up
Because CMOS devices are susceptible to latch-up due to their inherent parasitic thyristors, the TLV233x inputs
and outputs are designed to withstand – 100-mA surge currents without sustaining latch-up; however,
techniques should be used to reduce the chance of latch-up whenever possible. Internal-protection diodes
should not by design be forward biased. Applied input and output voltage should not exceed the supply voltage
by more than 300 mV. Care should be exercised when using capacitive coupling on pulse generators. Supply
transients should be shunted by the use of decoupling capacitors (0.1
µF typical) located across the supply rails
as close to the device as possible.
The current path established if latch-up occurs is usually between the positive supply rail and ground and can
be triggered by surges on the supply lines and/or voltages on either the output or inputs that exceed the supply
voltage. Once latch-up occurs, the current flow is limited only by the impedance of the power supply and the
forward resistance of the parasitic thyristor and usually results in the destruction of the device. The chance of
latch-up occurring increases with increasing temperature and supply voltages.
output characteristics
The output stage of the TLV233x is designed to
sink and source relatively high amounts of current
(see Typical Characteristics). If the output is
subjected to a short-circuit condition, this high-
current capability can cause device damage
under certain conditions. Output current capability
increases with supply voltage.
Although the TLV233x possesses excellent
high-level output voltage and current capability,
methods are available for boosting this capability
if needed. The simplest method involves the use
of a pullup resistor (RP) connected from the output
to the positive supply rail (see Figure 43). There
are two disadvantages to the use of this circuit.
First, the NMOS pulldown transistor N4 (see
equivalent schematic) must sink a comparatively
large amount of current. In this circuit, N4 behaves
like a linear resistor with an on resistance between
approximately 60
Ω and 180 Ω, depending on
how hard the operational amplifier input is driven.
With very low values of RP, a voltage offset from
0 V at the output occurs. Secondly, pullup resistor
RP acts as a drain load to N4 and the gain of the
operational amplifier is reduced at output voltage
levels where N5 is not supplying the output
current.
All operating characteristics of the TLV233x are measured using a 20-pF load. The device drives higher
capacitive loads; however, as output load capacitance increases, the resulting response pole occurs at lower
frequencies thereby causing ringing, peaking, or even oscillation (see Figure 44 and Figure 45). In many cases,
adding some compensation in the form of a series resistor in the feedback loop alleviates the problem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com