Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2341IPE4 Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV2341IPE4
Description  LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2341IPE4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV2341IPE4 Datasheet HTML 17Page - Texas Instruments TLV2341IPE4 Datasheet HTML 18Page - Texas Instruments TLV2341IPE4 Datasheet HTML 19Page - Texas Instruments TLV2341IPE4 Datasheet HTML 20Page - Texas Instruments TLV2341IPE4 Datasheet HTML 21Page - Texas Instruments TLV2341IPE4 Datasheet HTML 22Page - Texas Instruments TLV2341IPE4 Datasheet HTML 23Page - Texas Instruments TLV2341IPE4 Datasheet HTML 24Page - Texas Instruments TLV2341IPE4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
TLV2341, TLV2341Y
LinCMOS
™ PROGRAMMABLE LOW-VOLTAGE
OPERATIONAL AMPLIFIERS
SLOS110A – MAY 1992 – REVISED AUGUST 1994
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MEDIUM-BIAS MODE
electrical characteristics, TA = 25°C
TLV2341I
PARAMETER
TEST CONDITIONS
VDD = 3 V
VDD = 5 V
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VIO
Input offset voltage
VO = 1 V,
RS = 50 Ω,
VIC = 1 V,
RL = 100 k Ω
0.6
8
1.1
8
mV
IIO
Input offset current (see Note 4)
VO = 1 V,
VIC = 1 V
0.1
0.1
pA
IIB
Input bias current (see Note 4)
VO = 1 V,
VIC = 1 V
0.6
0.6
pA
VICR
Common-mode input voltage
– 0.2
to
– 0.3
to
– 0.2
to
– 0.3
to
V
VICR
g
range (see Note 5)
to
2
to
2.3
to
4
to
4.2
V
VOH
High level output voltage
VIC = 1 V,
VID = 100 mV,
175
19
32
39
V
VOH
High-level output voltage
IC
,
IOH = – 1 mA
ID
,
1.75
1.9
3.2
3.9
V
VOL
Low level output voltage
VIC = 1 V,
VID = – 100 mV,
115
150
95
150
mV
VOL
Low-level output voltage
IC
,
IOL = 1 mA
ID
,
115
150
95
150
mV
AVD
Large-signal differential voltage
amplification
VIC = 1 V,
See Note 6
RL = 100 kΩ,
25
83
25
170
V/mV
CMRR
Common mode rejection ratio
VO = 1 V,
VIC = VICRmin,
65
92
65
91
dB
CMRR
Common-mode rejection ratio
O
,
RS = 50 Ω
IC
ICR
,
65
92
65
91
dB
kSVR
Supply-voltage rejection ratio
VO = 1 V,
VIC = 1 V,
70
94
70
94
dB
kSVR
yg
j
(
∆VDD/∆VID)
O
,
RS = 50 Ω
IC
,
70
94
70
94
dB
II(SEL) Bias select current
VI(SEL) = 0
– 100
– 130
nA
IDD
Supply current
VO = 1 V,
VIC = 1 V,
65
250
105
280
µA
IDD
Supply current
O
No load
IC
65
250
105
280
µA
NOTES:
4. The typical values of input bias current and input offset current below 5 pA are determined mathematically.
5. This range also applies to each input individually.
6. At VDD = 5 V, VO = 0.25 V to 2 V; at VDD = 3 V, VO = 0.5 V to 1.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com