Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2342IPWLE Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV2342IPWLE
Description  LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2342IPWLE Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV2342IPWLE Datasheet HTML 17Page - Texas Instruments TLV2342IPWLE Datasheet HTML 18Page - Texas Instruments TLV2342IPWLE Datasheet HTML 19Page - Texas Instruments TLV2342IPWLE Datasheet HTML 20Page - Texas Instruments TLV2342IPWLE Datasheet HTML 21Page - Texas Instruments TLV2342IPWLE Datasheet HTML 22Page - Texas Instruments TLV2342IPWLE Datasheet HTML 23Page - Texas Instruments TLV2342IPWLE Datasheet HTML 24Page - Texas Instruments TLV2342IPWLE Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
TLV2342, TLV2342Y, TLV2344, TLV2344Y
LinCMOS
™ LOW-VOLTAGE HIGH-SPEED
OPERATIONAL AMPLIFIERS
SLOS194 – FEBRUARY 1997
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 29
1.3
0.9
0.7
0.5
1.7
1.9
1.5
1.1
2.1
0
1
23456
78
VI = 3 mV
RL = 10 kΩ
CL = 20 pF
TA = 25°C
UNITY-GAIN BANDWIDTH
vs
SUPPLY VOLTAGE
VDD – Supply Voltage – V
0.3
0.1
Figure 30
– 75
– 50
– 25
0
25
50
75
100
125
1.1
2.3
2.9
3.5
1.7
0.5
VDD = 5 V
VDD = 3 V
VI = 10 mV
RL = 10 kΩ
CL = 20 pF
UNITY-GAIN BANDWIDTH
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
Figure 31
53
°
51
°
49
°
47
°
45
°
02
4
6
8
PHASE MARGIN
vs
SUPPLY VOLTAGE
VDD – Supply Voltage – V
VI = 10 mV
RL = 10 kΩ
CL = 20 pF
TA = 25°C
Figure 32
PHASE MARGIN
vs
FREE-AIR TEMPERATURE
– 75
– 50
– 25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
VDD = 5 V
VI = 10 mV
RL = 10 kΩ
CL = 20 pF
60
°
58
°
56
°
54
°
52
°
50
°
48
°
46
°
44
°
42
°
40
°
VDD = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com