Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2344IPWLE Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV2344IPWLE
Description  LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2344IPWLE Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV2344IPWLE Datasheet HTML 3Page - Texas Instruments TLV2344IPWLE Datasheet HTML 4Page - Texas Instruments TLV2344IPWLE Datasheet HTML 5Page - Texas Instruments TLV2344IPWLE Datasheet HTML 6Page - Texas Instruments TLV2344IPWLE Datasheet HTML 7Page - Texas Instruments TLV2344IPWLE Datasheet HTML 8Page - Texas Instruments TLV2344IPWLE Datasheet HTML 9Page - Texas Instruments TLV2344IPWLE Datasheet HTML 10Page - Texas Instruments TLV2344IPWLE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
TLV2342, TLV2342Y, TLV2344, TLV2344Y
LinCMOS
™ LOW-VOLTAGE HIGH-SPEED
OPERATIONAL AMPLIFIERS
SLOS194 – FEBRUARY 1997
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLV2342I operating characteristics at specified free-air temperature, VDD = 3 V
PARAMETER
TEST CONDITIONS
TA
TLV2342I
UNIT
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VIC =1V
VI(PP) =1V
25
°C
21
SR
Slew rate at unity gain
VIC = 1 V,
RL 10 kΩ
VI(PP) = 1 V,
CL =20 pF
25
°C
2.1
V/
µs
SR
Slew rate at unity gain
RL = 10 kΩ,
SFi
34
CL = 20 F,
85
°C
17
V/
µs
See Figure 34
85
°C
1.7
V
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω,
25
°C
25
nV/
√Hz
Vn
Equivalent input noise voltage
,
See Figure 35
S
,
25
°C
25
nV/
√Hz
BOM
Maximum output swing bandwidth
VO = VOH,
CL = 20 pF,
25
°C
170
kHz
BOM
Maximum output-swing bandwidth
OOH,
RL = 10 kΩ,
L
,
See Figure 34
85
°C
145
kHz
B1
Unity gain bandwidth
VI = 10 mV,
CL = 20 pF,
25
°C
790
kHz
B1
Unity-gain bandwidth
I
,
RL = 10 kΩ,
L
,
See Figure 36
85
°C
690
kHz
VI = 10 mV,
f = B1,
–40
°C
53
°
φm
Phase margin
VI = 10 mV,
CL = 20 pF,
f = B1,
RL = 10 kΩ,
25
°C
49
°
See Figure 36
85
°C
47
°
TLV2342I operating characteristics at specified free-air temperature, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA
TLV2342I
UNIT
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VIC =1V
VI(PP) =1V
25
°C
3.6
SR
Slew rate at unity gain
VIC = 1 V,
RL = 10 kΩ,
VI(PP) = 1 V
85
°C
2.8
V/
µs
SR
Slew rate at unity gain
L
,
CL = 20 pF,
SFi
34
VI(PP) =2 5V
25
°C
2.9
V/
µs
See Figure 34
VI(PP) = 2.5 V
85
°C
2.3
V
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω,
25
°C
25
nV/
√Hz
Vn
Equivalent input noise voltage
,
See Figure 35
S
,
25
°C
25
nV/
√Hz
BOM
Maximum output swing bandwidth
VO = VOH,
CL = 20 pF,
25
°C
320
kHz
BOM
Maximum output-swing bandwidth
OOH,
RL = 10 kΩ,
L
,
See Figure 34
85
°C
250
kHz
B1
Unity gain bandwidth
VI = 10 mV,
CL = 20 pF,
25
°C
1.7
kHz
B1
Unity-gain bandwidth
I
,
RL = 10 kΩ,
L
,
See Figure 36
85
°C
1.2
kHz
VI = 10 mV,
f = B1,
–40
°C
49°
φm
Phase margin
VI = 10 mV,
CL = 20 pF,
f = B1,
RL = 10 kΩ,
25
°C
46
°
See Figure 36
85
°C
43
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com