Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR1040CT Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # SR1040CT
Description  DUAL SCHOTTKY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

SR1040CT Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  SR1040CT Datasheet HTML 1Page - Diode Semiconductor Korea SR1040CT Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.001
10
1
060
.1
80
100
TJ=25℃
TJ=75℃
TJ=125℃
.01
40
20
SR1020CT-SR1040CT
SR1050CT-SR1060CT
100
1
10
1000
4000
100
0.1
TJ=25
SR1020CT-SR1040CT
SR1050CT-SR1060CT
0
2
6
4
10
8
0
50
100
150
12
SR1020CT-SR1040CT
SR1050CT-SR1060CT
Resistive or inductive load
PULSE DURATION, Sec
FIG.3 -- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER LEG
REVERSE VOLTAGE, VOLTS
FIG.5 -- TYPICAL JUNCTION CAPACITANCE
FIG.6 -- TYPICAL TRANSIENT THERMAL IMPEDANCE
NUMBER OF CYCLE AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.4 -- PEAK FORWARD SURGE CURRENT
SR1020CT---SR1060CT
CASE TEMPERATURE,
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
FIG.2 -- TYPICAL REVERSE CHARACTERISTICS
PER LEG
FIG.1 --FORWARD CURRENT DERATING CURVE
.01
50
.4
.5
.9
1.1
1
.6
1.0
.7
.8
SR1020CT-SR1040CT
0.1 .2
.3
1.2
.1
10
SR1050CT-SR1060CT
Pulse width = 300
µs
1% Duty Cycle
TJ=125
TJ=25
200
0
15
10
25
75
50
125
100
150
175
50
100
TJ=TJMAX.
8.3ms Single Half Sine-Wave
(JEDEC Method)
0.1
1
0.01
0.1
10
1
10
100
100
www.diode.kr
Diode Semiconductor Korea



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com