Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5990TM-3.3/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LP5990TM-3.3/NOPB
Description  LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5990TM-3.3/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LP5990TM-3.3/NOPB Datasheet HTML 1Page - Texas Instruments LP5990TM-3.3/NOPB Datasheet HTML 2Page - Texas Instruments LP5990TM-3.3/NOPB Datasheet HTML 3Page - Texas Instruments LP5990TM-3.3/NOPB Datasheet HTML 4Page - Texas Instruments LP5990TM-3.3/NOPB Datasheet HTML 5Page - Texas Instruments LP5990TM-3.3/NOPB Datasheet HTML 6Page - Texas Instruments LP5990TM-3.3/NOPB Datasheet HTML 7Page - Texas Instruments LP5990TM-3.3/NOPB Datasheet HTML 8Page - Texas Instruments LP5990TM-3.3/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Bottom View
Top View
B1
A1
B2
A2
VIN
VOUT
VEN
GND
B1
A1
B2
A2
VIN
VOUT
VEN
GND
LP5990
SNVS438B – APRIL 2007 – REVISED DECEMBER 2007
www.ti.com
CONNECTION DIAGRAMS
Figure 1. 4-Bump Thin DSBGA Package, 0.4mm pitch
Package Number YFQ0004CEA
The actual physical placement of the package marking will vary from part to part.
PIN DESCRIPTIONS
Pin No.
Symbol
Name and Function
DSBGA
A2
VEN
Enable input; disables the regulator when
≤ 0.35V. Enables the regulator when ≥ 1.0V.
A1
GND
Common ground.
B1
VOUT
Output voltage. A 1.0
μF Low ESR capacitor should be connected to this Pin. Connect
this output to the load circuit.
B2
VIN
Input voltage supply. A 1.0 µF capacitor should be connected at this input.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
VIN Pin: Input Voltage
-0.3 to 6.0V
VOUT Pin: Output Voltage
-0.3 to (VIN + 0.3V) to 6.0V (max)
VEN Pin: Enable Input Voltage
-0.3 to 6.0V (max)
Continuous Power Dissipation (4)
Internally Limited
Junction Temperature (TJMAX)
150°C
Storage Temperature Range
-65 to 150°C
Maximum Lead Temperature (Soldering, 10 sec.)
260°C
ESD Rating (5)
Human Body Model
2 kV
Machine Model
200V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply specified performance limits. For specified performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
Internal thermal shutdown circuitry protects the device from permanent damage.
(5)
The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin. MIL-STD-883 3015.7
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LP5990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com