Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2371IDBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2371IDBVT
Description  500-關A/Ch, 3-MHz Rail-to-Rail Input and Output Operational Amplifiers With Shutdown
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2371IDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV2371IDBVT Datasheet HTML 9Page - Texas Instruments TLV2371IDBVT Datasheet HTML 10Page - Texas Instruments TLV2371IDBVT Datasheet HTML 11Page - Texas Instruments TLV2371IDBVT Datasheet HTML 12Page - Texas Instruments TLV2371IDBVT Datasheet HTML 13Page - Texas Instruments TLV2371IDBVT Datasheet HTML 14Page - Texas Instruments TLV2371IDBVT Datasheet HTML 15Page - Texas Instruments TLV2371IDBVT Datasheet HTML 16Page - Texas Instruments TLV2371IDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
13
TLV2370, TLV2371, TLV2372
TLV2373, TLV2374, TLV2375
www.ti.com
SLOS270F – MARCH 2001 – REVISED AUGUST 2016
Product Folder Links: TLV2370 TLV2371 TLV2372 TLV2373 TLV2374 TLV2375
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25°C, VDD = 2.7 V, 5 V, and 15 V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
IDD
Supply current (per channel)
VDD = 2.7 V, VO = VDD/2
470
560
µA
VDD = 5 V, VO = VDD/2
550
660
VDD = 15 V,
VO = VDD/2
At TA = 25°C
750
900
At TA = –40°C to +125°C
1200
PSRR
Power-supply rejection ratio
(ΔVDD/ΔVIO)
VDD = 2.7 V
to 15 V,
VIC = VDD/2,
no load
At TA = 25°C
70
80
dB
At TA = –40°C to +125°C
65
DYNAMIC PERFORMANCE
UGBW
Unity gain bandwidth
VDD = 2.7 V
RL = 2 kΩ, CL = 10 pF
2.4
MHz
VDD = 5 V to
15 V
RL = 2 kΩ, CL = 10 pF
3
SR
Slew rate at unity gain
VDD = 2.7 V
At TA = 25°C, VO(PP) = VDD/2,
CL = 50 pF, RL = 10 kΩ
1.4
2
V/µs
At TA = –40°C to +125°C, VO(PP) =
VDD/2,
CL = 50 pF, RL = 10 kΩ
1
VDD = 5 V
At TA = 25°C, VO(PP) = VDD/2,
CL = 50 pF, RL = 10 kΩ
1.6
2.4
At TA = –40°C to +125°C, VO(PP) =
VDD/2,
CL = 50 pF, RL = 10 kΩ
1.2
VDD = 15 V
At TA = 25°C, VO(PP) = VDD/2,
CL = 50 pF, RL = 10 kΩ
1.9
2.1
At TA = –40°C to +125°C, VO(PP) =
VDD/2,
CL = 50 pF, RL = 10 kΩ
1.4
φm
Phase margin
RL = 2 kΩ, CL = 100 pF
65
°
Gain margin
RL = 2 kΩ, CL = 10 pF
18
dB
ts
Settling time
VDD = 2.7 V, V(STEP)PP = 1 V, AV = −1,
CL = 10 pF, RL = 2 kΩ, 0.1%
2.9
µs
VDD = 5 V, 15 V, V(STEP)PP = 1 V, AV = −1,
CL = 47 pF, RL = 2 kΩ, 0.1%
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com