Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2374MDREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2374MDREP
Description   FAMILY OF 550-(mu)A/Ch 3-MHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2374MDREP Datasheet(HTML) 2 Page - Texas Instruments

  TLV2374MDREP Datasheet HTML 1Page - Texas Instruments TLV2374MDREP Datasheet HTML 2Page - Texas Instruments TLV2374MDREP Datasheet HTML 3Page - Texas Instruments TLV2374MDREP Datasheet HTML 4Page - Texas Instruments TLV2374MDREP Datasheet HTML 5Page - Texas Instruments TLV2374MDREP Datasheet HTML 6Page - Texas Instruments TLV2374MDREP Datasheet HTML 7Page - Texas Instruments TLV2374MDREP Datasheet HTML 8Page - Texas Instruments TLV2374MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TLV2371EP, TLV2372EP, TLV2374EP
FAMILY OF 550 µA/Ch 3MHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS
SGLS306A − APRIL 2005 − REVISED APRIL 2006
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
FAMILY PACKAGE TABLE
DEVICE
NUMBER OF
PACKAGE TYPES
UNIVERSAL
DEVICE
NUMBER OF
CHANNELS
SOIC
SOT-23
TSSOP
MSOP
UNIVERSAL
EVM BOARD
TLV2371
1
8
5
—
—
See the EVM
TLV2372
2
8
—
—
8
See the EVM
Selection Guide
(SLOU060)
TLV2374
4
14
—
14
—
Selection Guide
(SLOU060)
TLV2371 AVAILABLE OPTIONS
VIOMAX AT
PACKAGED DEVICES
TA
VIOMAX AT
25
°C
SMALL OUTLINE
SOT-23
TA
25
°C
SMALL OUTLINE
(D)
(DBV)
SYMBOL
−55
°C to 125°C
4.5 mV
TLV2371MDREP†
TLV2371MDBVREP
371E
TLV2372 AVAILABLE OPTIONS
VIOMAX AT
PACKAGED DEVICES
TA
VIOMAX AT
25
°C
SMALL OUTLINE
MSOP
TA
25
°C
SMALL OUTLINE
(D)
(DGK)
SYMBOL
−55
°C to 125°C
4.5 mV
TLV2372MDREP†
TLV2372MDGKREP†
† Product Preview
TLV2374 AVAILABLE OPTIONS
VIOMAX AT
PACKAGED DEVICES
TA
VIOMAX AT
25
°C
SMALL OUTLINE
(D)
TSSOP
(PW)
−55
°C to 125°C
4.5 mV
TLV2374MDREP
TLV2374MPWREP†
† Product Preview
80
5C 7.4e+07 Hrs (8.4e+03 years)
90
5C 1.9e+07 Hrs (2.2e+03 years)
100
5C 5.3e+06Hrs (6e+02 years)
110
5C 1.6e+06Hrs (1.8e+02 years)
120
5C 4.9e+05Hrs (56 years)
130
5C 1.6e+05Hrs (19 years)
140
5C 5.8e+04Hrs (6.6 years)
80
90
100
110
120
130
140
150
1e+08
1e+09
1e+07
1e+06
100000
10000
Degrees C Continuous TJ
Figure 1. Wirebond Life Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com