Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US2AA Datasheet(PDF) 1 Page - Diode Semiconductor Korea

Part # US2AA
Description  SURFACE MOUNT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

US2AA Datasheet(HTML) 1 Page - Diode Semiconductor Korea

  US2AA Datasheet HTML 1Page - Diode Semiconductor Korea US2AA Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4.5± 0.1
1.3± 0.2
0.2± 0.05
5.1± 0.2
FEATURES
MECHANICAL DATA
Ratings at 25
oC ambient temperature unless otherwise specified
US2DA US2GA US2JA US2KA US2MA
US2DA US2GA US2JA US2KA US2MA
Maximum repetitive peak reverse voltage
V
RRM
200
400
600
800
1000
V
Maximum RMS voltage
VRWS
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
200
400
600
800
1000
V
Maximum average f orw ard rectified current
@T
L=90
OC
I
F(AV)
A
Peak f orw ard surge current 8.3ms single half-
sine-w ave superimposed on rated load(JEDEC
Method)
I
FSM
A
Maximum instantaneous forw ard voltage at 2A
VF
V
Maximum DC reverse current
@T
A=25
oC
at rated DC blockjing voltage
@T
A=100
oC
Maximum reverse recovery time at I
F=0.5A
I
R=1.0A Irr=0.25A
trr
ns
Typical junction capacitance at 4.0V,1MH
Z
C
J
pF
R JA
R JL
Operating temperature range
TJ
oC
Storage temperature range
TSTG
oC
-55--------+150
UNITS
50
100
35
70
50
100
US2AA
50
350
-55--------+150
10
50
18
I
R
NOTE: 1.P.C.B.mounted on 0.2X0.2"(5.0X5.0mm)copper pad area
75
US 2 AA---US2 MA
1111REVERSE VOLTAGE: 50 - 1000 V
FORWARD CURRENT: 2.0 A
Built-in strain relief,ideal for autom ated placem ent
Device marking code
SURFACE MOUNT RECTIFIERS
Glass passivated chip junctions
Plastic package has underwriters laboratories
vvvvvflam mability classification 94V-0
For surface mount applications
DO-214AC(SMA)
Maximum thermal resistance (NOTE1)
oC/W
US2BA
High temperature soldering:
111 250
oC/10 seconds on terminals
US2AA
Polarity: Color band denotes cathode end
Weight: 0.002 ounces, 0.064 gram
Terminals:Solder plated, solderable per MIL-STD-750,
1111method 2026
30
50
50
1.0
1.7
2.0
US2BA
Low forward voltage,low power loss
Low profile package
Easy pick and place
Ultrafast recovery times for high efficiency
Case:JEDEC DO-214AC,m olded plastic body over
passivated chip
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Dimensions in millimeters
www.diode.kr
Diode Semiconductor Korea


Similar Part No. - US2AA

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US2AA SSE-US2AA Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
PACELEADER INDUSTRIAL
US2AA PACELEADER-US2AA Datasheet
158Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
logo
Shenzhen Luguang Electr...
US2AA LUGUANG-US2AA Datasheet
180Kb / 2P
Surface Mount Rectifiers
logo
Shenzhen Taychipst Elec...
US2AA TAYCHIPST-US2AA Datasheet
3Mb / 2P
Surface Mount Ultrafast Rectifiers
logo
Microdiode Semiconducto...
US2AA CHENDA-US2AA Datasheet
394Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
More results

Similar Description - US2AA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SynSemi, Inc.
S3A SYNSEMI-S3A Datasheet
31Kb / 2P
SURFACE MOUNT RECTIFIERS
SN2A SYNSEMI-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES1A SAMYANG-ES1A_V01 Datasheet
517Kb / 2P
SURFACE MOUNT RECTIFIERS
ES2A SAMYANG-ES2A_V02 Datasheet
522Kb / 2P
SURFACE MOUNT RECTIFIERS
ES3HB SAMYANG-ES3HB Datasheet
512Kb / 2P
SURFACE MOUNT RECTIFIERS
UF2AA SAMYANG-UF2AA Datasheet
456Kb / 2P
SURFACE MOUNT RECTIFIERS
UF3A SAMYANG-UF3A Datasheet
462Kb / 2P
SURFACE MOUNT RECTIFIERS
RS2AA SAMYANG-RS2AA_V01 Datasheet
412Kb / 2P
SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com