Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8501TMX/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LP8501TMX/NOPB
Description  LP8501 Multi-Purpose 9-Output LED Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8501TMX/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP8501TMX/NOPB Datasheet HTML 19Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 20Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 21Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 22Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 23Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 24Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 25Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 26Page - Texas Instruments LP8501TMX/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
LP8501
www.ti.com
SNVS548D – SEPTEMBER 2008 – REVISED AUGUST 2013
SET_PWM
This instruction is used for setting the PWM value on the outputs D1 to D9 without any ramps. Set PWM output
value from 0 to 255 with PWM value bits [7:0]. Instruction execution takes sixteen 32 kHz clock cycles (=488 µs).
Name
Value (d)
Description
PWM value
0 to 255
PWM output duty cycle 0 to 100%
WAIT
When a wait instruction is executed, the engine is set in a wait status, and the PWM values on the outputs are
frozen.
Name
Value (d)
Description
prescale
0
Divide master clock (32 768 Hz) by 16 which
means 0.488 ms cycle time
1
Divide master clock (32 768 Hz) by 512
which means 15.625 ms cycle time
time
1 — 31
Total wait time will be = (time) x (prescale).
Maximum 484 ms, minimum 0.488 ms
LED MAPPING INSTRUCTIONS
These commands define the engine-to-LED mapping. The mapping information is stored in a table, which is
stored in the SRAM (program memory of the LP8501). Mapping information can be located anywhere in SRAM
memory. LP8501 has three lighting engines (Engines) which can be mapped to 9 LED drivers or to one GPO pin.
One engine can control one or multiple LED drivers. There are totally seven commands for the engine-to-LED
driver control: mux_ld_start, mux_ld_end, mux_sel, mux_clr, mux_inc, mux_dec, mux_set. Note: the LED
mapping instructions do not update PWM values to LED outputs. PWM values are updated after ramp or
set_pwm instructions.
MUX_LD_START; MUX_LD_END
Mux_ld_start and mux_ld_ end define the mapping table location in the memory. With mux_ld_start instruction
the mapped row can be activated at the same time by setting map = 1.
Name
Value (d)
Description
map
0
Mapped row inactive
1
Set the mapped row active. MUX_LD_START only
SRAM address
0 - 95
Mapping table start/end address
MUX_SEL
With mux_sel instruction one, and only one, LED driver (or the GPO pin) can be connected to a lighting engine.
Connecting multiple LEDs to one engine is done with the mapping table. After the mapping has been released
from an LED, the PWM register value will still control the LED brightness. If the mapping is released from the
GPO pin, serial bus control takes over the GPO state.
Name
Value (d)
Description
LED select
0 - 16
0 = no drivers selected
1 = LED1 selected
2 = LED2 selected
...
9 = LED9 selected
16 = GPO
MUX _CLR
Mux_clr clears engine-to-driver mapping. After the mapping has been released from an LED, the PWM register
value will still control the LED brightness. If the mapping is released from the GPO pin, serial bus control takes
over the GPO state.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LP8501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com