Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS501-DPK Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS501-DPK
Description  LOCO PLL CLOCK MULTIPLIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS501-DPK Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS501-DPK Datasheet HTML 1Page - Integrated Circuit Systems ICS501-DPK Datasheet HTML 2Page - Integrated Circuit Systems ICS501-DPK Datasheet HTML 3Page - Integrated Circuit Systems ICS501-DPK Datasheet HTML 4Page - Integrated Circuit Systems ICS501-DPK Datasheet HTML 5Page - Integrated Circuit Systems ICS501-DPK Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LOCO™ PLL Clock Multiplier
MDS 501B C
5
Revision 120704
In te gr at ed Circuit Syst ems ● 525 Ra ce St reet , San Jose, CA 9512 6 ● t e l (4 08) 297 -1 201 ● www.icst.com
ICS501B
AC Electrical Characteristics
VDD = 5.0 V ±5%, Ambient Temperature 0 to +70
° C, unless stated otherwise
Note 1: Measured with 15 pF load.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency, crystal input
FIN
7.5
MHz
Input Frequency, clock input
FIN
0.5
7.5
MHz
Output Frequency, VDD = 5.0 V ±5%
FOUT
0
°C to +70°C4
15
MHz
-40
°C to +85°C4
15
MHz
Output Frequency, VDD = 3.3 V ±5%
FOUT
0
°C to +70°C4
15
MHz
-40
°C to +85°C4
15
MHz
Output Clock Rise Time
tOR
0.8 to 2.0 V, Note 1
1
ns
Output Clock Fall Time
tOF
2.0 to 8.0 V, Note 1
1
ns
Output Clock Duty Cycle
tOD
1.5 V, up to 25 MHz
45
49-51
55
%
PLL Bandwidth
10
kHz
Output Enable Time, OE high to
output on
50
ns
Output Disable Time, OE low to
tri-state
50
ns
Absolute Clock Period Jitter
tja
Deviation from
mean, Note 1
+70
ps
One Sigma Clock Period Jitter
tjs
Note 1
25
ps



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com