Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8551TLE/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP8551TLE/NOPB
Description  LP8551 High-Efficiency LED Backlight Driver for Notebooks
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8551TLE/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP8551TLE/NOPB Datasheet HTML 3Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 4Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 5Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 6Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 7Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 8Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 9Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 10Page - Texas Instruments LP8551TLE/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
LP8551
www.ti.com
SNVS673E – APRIL 2010 – REVISED SEPTEMBER 2014
7.7 LED Driver Electrical Characteristics
Limits are for TA = 25°C and VIN = 12 V, VDDIO = 2.8 V, CVLDO = 1 μF, L1 = 15 μH, CIN = 10 μF, COUT = 10 μF, unless
otherwise specified. RISET = 16 kΩ
(1)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ILEAKAGE
Leakage current
Outputs OUT1...OUT4, VOUT = 40 V
0.1
1
μA
EN_I_RES = 0, CURRENT[7:0] = FFh
30
Maximum source current
IMAX
mA
OUT1...OUT4
EN_I_RES = 1, CURRENT[7:0] = FFh
50
–3%
3%
IOUT
Output current accuracy(2)
Output current set to 23 mA, EN_I_RES = 1
–4%(3)
4%(3)
IMATCH
Matching(2)
Output current set to 23 mA, EN_I_RES = 1
0.5%
fLED = 5 kHz, fPLL = 5 MHz
10
fLED = 10 kHz, fPLL = 5 MHz
9
fLED = 20 kHz, fPLL = 5 MHz
8
PWMRES
PWM output resolution(4)
bits
fLED = 5 kHz, fPLL = 40 MHz
13
fLED = 10 kHz, fPLL = 40 MHz
12
fLED = 20 kHz, fPLL = 40 MHz
11
PWM_FREQ[4:0] = 00000b
600
PLL clock 5 MHz
fLED
LED switching frequency(4)
Hz
PWM_FREQ[4:0] = 11111b
19.2k
PLL clock 5 MHz
Output current set to 20 mA
105
220(3)
VSAT
Saturation voltage(5)
mV
Output current set to 30 mA
160
290(3)
(1)
Low-ESR surface-mount ceramic capacitors (MLCCs) used in setting electrical characteristics.
(2)
Output Current Accuracy is the difference between the actual value of the output current and programmed value of this current.
Matching is the maximum difference from the average. For the constant current sinks on the part (OUT1 to OUT4), the following are
determined: the maximum output current (MAX), the minimum output current (MIN), and the average output current of all outputs (AVG).
Two matching numbers are calculated: (MAX-AVG)/AVG and (AVG-MIN/AVG). The largest number of the two (worst case) is
considered the matching figure. The typical specification provided is the most likely norm of the matching figure for all parts. Note that
some manufacturers have different definitions in use.
(3)
Limits apply over the full operating ambient temperature range (–30°C
≤ TA ≤ 85°C).
(4)
PWM output resolution and frequency depend on the PLL settings. Please see section PWM Frequency Setting for full description.
(5)
Saturation voltage is defined as the voltage when the LED current has dropped 10% from the value measured at 1 V.
7.8 PWM Interface Characteristics
Limits are for TA = 25°C and VIN = 12 V, VDDIO = 2.8 V, CVLDO = 1 μF, L1 = 15 μH, CIN = 10 μF, COUT = 10 μF, unless
otherwise specified. RISET = 16 kΩ
(1)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ƒPWM
PWM frequency range
0.1
25
kHz
tMIN_ON
Minimum pulse ON time
1
μs
tMIN_OFF
Minimum pulse OFF time
1
Turnon delay from standby to
PWM input active, EN pin rise from low to
tSTARTUP
6
ms
backlight on
high
PWM input low time for turn off, slope
TSTBY
Turnoff Delay
50
ms
disabled
ƒIN < 9 kHz
10
ƒIN < 4.5 kHz
11
PWMRES
PWM Input Resolution
bits
ƒIN < 2.2 kHz
12
ƒIN < 1.1 kHz
13
(1)
Low-ESR surface-mount ceramic capacitors (MLCCs) used in setting electrical characteristics.
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP8551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com