Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8553TLX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP8553TLX/NOPB
Description  LP8553 High-Efficiency LED Backlight Driver for Notebooks
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8553TLX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP8553TLX/NOPB Datasheet HTML 9Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 10Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 11Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 12Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 13Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 14Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 15Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 16Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
5MHz internal
oscillator
PLL[12:0]
PWM generation
PWM_FREQ[4:0]
or External
set resistor RFSET
VBOOST
LED Drivers 1-4
Divider
1/N
5 MHz...40 MHz
PSPWM 0/1
Boost
Filter
VCO
Counter
1/N
PLL
VSYNC
60 Hz
EN_VSYNC
Phase
Detector
State machine,
PWM input, internal
timings, Slope etc.
BOOST_FREQ
N = 4, 8, 16, 32
PWM_RESOLUTION[1:0]
LP8553
www.ti.com
SNVS701B – SEPTEMBER 2011 – REVISED JANUARY 2014
Clock Generation
LP8553 has an internal 5 MHz oscillator which is used for clocking the boost converter, state machine, PWM
input duty cycle measurement, internal timings such as slope time for output brightness changes.
An internal clock can be used for generating the PWM output frequency. In this case the 5 MHz clock can be
multiplied with the internal PLL to achieve higher resolution. The higher the clock frequency for PWM generation
block, the higher the resolution but the tradeoff is higher IQ of the part. Clock multiplication is set with
<PWM_RESOLUTION[1:0]> EEPROM Bits.
The PLL can also be used for generating the required PWM generation clock from the VSYNC signal. This makes
sure that the LED output PWM is always synchronized to the VSYNC signal and there is no clock variation
between LCD display video update and the LED backlight output frequency. Also HSYNC signal up to 55 kHz can
be used.
PLL has internal counter which has 13-bit control <PLL[12:0]> to achieve correct output clock frequency based
on the VSYNC frequency.
For the PLL it can take couple of seconds to synchronize to 60 Hz VSYNC signal in startup and before this correct
PWM clock frequency is generated from internal oscillator. FILTER pin component selection affects the time it
takes from the PLL to lock to VSYNC signal.
Special logic is implemented for allowing steady clock frequency even if there are missing VSYNC pulses. In case
pulses are randomly left out, the LP8553 can generate the pulses internally while keeping the same PWM output
frequency. When VSYNC pulses are available again, the internal logic will automatically switch to the external
VSYNC clock without glitch.
Figure 15. Principle of the Clock Generation
Brightness Control Methods
LP8553 controls the brightness of the backlight with PWM. PWM control is received either from PWM input pin or
from I2C register bits. The PWM source selection is done with <BRT_MODE[1:0]> bits as follows:
BRT_MODE[1]
BRT_MODE[0]
PWM source
0
0
PWM input pin duty cycle control. Default.
0
1
PWM input pin duty cycle control.
1
0
Brightness register
1
1
PWM direct control (PWM in = PWM out)
PWM Input Duty Cycle
With PWM input pin duty-cycle control the output PWM is controlled by PWM input duty cycle. PWM detector
block measures the duty cycle in the PWM pin and uses this 13-bit value to generate the output PWM. Output
PWM can have different frequency than input in this mode and also phase shift PWM mode can be used. Slope
and dither are effective in this mode. PWM input resolution is defined by the input PWM clock frequency.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP8553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com