Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8720 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP8720
Description  LP8720 One Step-Down DC-DC and Five Linear Regulators with I2C-Compatible Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8720 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP8720 Datasheet HTML 12Page - Texas Instruments LP8720 Datasheet HTML 13Page - Texas Instruments LP8720 Datasheet HTML 14Page - Texas Instruments LP8720 Datasheet HTML 15Page - Texas Instruments LP8720 Datasheet HTML 16Page - Texas Instruments LP8720 Datasheet HTML 17Page - Texas Instruments LP8720 Datasheet HTML 18Page - Texas Instruments LP8720 Datasheet HTML 19Page - Texas Instruments LP8720 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LP8720
SNVS575B – JULY 2008 – REVISED MAY 2013
www.ti.com
D-Type and LO-Type LDO Electrical Characteristics (continued)
Unless otherwise noted, VVBATT = VVINB = VVIN1 = VVIN2 = 3.6V, GND = GNDB = 0V, CVBATT = CVIN1 = CVIN2 = 2.2 µF, CVINB = 10
µF. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the
entire junction temperature range for operation, TJ= -40 to +125°C
(1)
Limit
Parameter
Test Conditions
LDO#
Typ
Units
Min
Max
PSRR
Power Supply Ripple
f =10 kHz, COUT = 1 µF, IOUT = 20
1,4,5
55
dB
Rejection Ratio
mA(3)
tstartup
Startup Time from Shutdown
COUT = 1 µF, IOUT = IMAX
(3)
1,4,5
35
µs
VTransient
Startup Transient Overshoot
COUT = 1µF, IOUT = IMAX
(3)
1,4,5
30
mV
COUT
External output capacitance
1,4,5
1.0
0.5
20
µF
for stability
Serial Interface
Unless otherwise noted, VVBATT = VVINB = VVIN1 = VVIN2 = 3.6V, GND = GNDB = 0V, CVBATT = CVIN1 = CVIN2 = 2.2 µF, CVINB = 10
µF. Typical values and limits appearing in normal type apply for TJ= 25°C. Limits appearing in boldface type apply over the
entire junction temperature range for operation, TJ= -40 to +125°C
(1) (2)
Limit
Unit
Parameter
Test Conditions
Typ
s
Min
Max
fCLK
Clock Frequency
400
kHz
tBF
Bus-Free Time between START and STOP
1.3
µs
tHOLD
Hold Time Repeated START Condition
0.6
µs
tCLK-LP
CLK Low Period
1.3
µs
tCLK-HP
CLK High Period
0.6
µs
tSU
Set-Up Time Repeated START Condition
0.6
µs
tDATA-HOLD
Data Hold Time
50
ns
tDATA-SU
Data Set-Up Time
100
ns
tSU
Set-Up Time for STOP Condition
0.6
µs
tTRANS
Maximum Pulse Width of Spikes that Must Be Suppressed by
50
ns
the Input Filter of Both DATA and CLK Signals
(1)
All limits are specified. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot
and cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
(2)
Ensured by design.
16
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LP8720



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com