Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8727 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP8727
Description  Micro/Mini USB Interface with Integrated 28V Charger
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8727 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP8727 Datasheet HTML 10Page - Texas Instruments LP8727 Datasheet HTML 11Page - Texas Instruments LP8727 Datasheet HTML 12Page - Texas Instruments LP8727 Datasheet HTML 13Page - Texas Instruments LP8727 Datasheet HTML 14Page - Texas Instruments LP8727 Datasheet HTML 15Page - Texas Instruments LP8727 Datasheet HTML 16Page - Texas Instruments LP8727 Datasheet HTML 17Page - Texas Instruments LP8727 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
VBUS
GND
ID
12 pF
D+
D-
SEND
/END
MIC
ZIN = 2.2k:
R SPK
L SPK
LP8727
SNVS898A – OCTOBER 2012 – REVISED MAY 2013
www.ti.com
Operation Description
MULTIPLEXING SWITCHES
The LP8727 supports USB High-speed, UART and stereo audio & microphone by providing automatic
multiplexing switches between Micro/Mini USB connector and USB, UART and Audio paths in cellular phone
applications. The LP8727 detects the external devices which can be connected to Micro/Mini USB connector and
informs the processor the detection result by generating an interrupt. But, the LP8727 does not automatically
change the state of switch mux when the external device is detected. The processor is responsible to change the
state of switch mux via I2C.
Figure 2. Stereo Audio & MIC Connection
DEFAULT SWITCH STATUS
The LP8727 can configure default switch connection at startup to either USB or UART by the DSS input. The
DSS input has a 300 k
Ω of internal pulldown resistor. When DSS is logic low (connected to GND or left floating),
the default switch connection is set to USB. For UART startup, the DSS should be pulled high to VBAT through
an external 300 k
Ω pull-up resistor. The status of DSS input is monitored from the startup of device and will be
latched at the first rising edge of SCL input. The status of DSS input is monitored and latched at the 1st rising
edge of sCL input.
HIGH-IMPEDANCE MODE
If the LP8727 is powered from VBAT (VBUS is not present), the default switch connections for D+, D- and ID
should be Hi-Z regardless of DSS status until USB & ID detection is done. The high-impedance mode should
also be controlled via I2C.
LOW-POWER MODE
The LP8727 is designed to support low-power modes by CP_EN, ADC_EN and SEMREN bits on CONTROL1
register. The ID detection LDO is controlled by either ADC_EN or SEMREN bits.
•
CP_EN: When CP_EN bit is set to ‘1’, the charge pump is enabled and this allows the audio signal inputs
(AUD1 and AUD2) to be driven to negative voltage rail.
•
ADC_EN: When ADC_EN bit is set to ‘1’, ID detection LDO and the internal ADC are enabled. When
ADC_EN is ‘0’, IDNO bits (ADC output) will be 4’h0000 and INT\ will not be asserted. Any pending interrupts
due to a change in the ADC output will not be cleared and must be cleared manually by reading INT_STATx
registers.
•
SEMREN: When SEMREN bit is set to ‘1’, ID detection LDO and the internal comparators for SEND/END and
microphone removal detections are enabled. When SEMREN is ‘0’, the SEND/END and MR_COMP registers
will be set to ‘0’ and INT\ will not be asserted. Any pending interrupts due to a change in the SEND/END or
MR_COMP comparators will not be cleared and must be cleared manually by reading INT_STATx registers.
14
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LP8727



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com