Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8725TLE-C/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP8725TLE-C/NOPB
Description  LP8725 Power Management Unit for Application or Multimedia Processors and Subsystems
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8725TLE-C/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP8725TLE-C/NOPB Datasheet HTML 13Page - Texas Instruments LP8725TLE-C/NOPB Datasheet HTML 14Page - Texas Instruments LP8725TLE-C/NOPB Datasheet HTML 15Page - Texas Instruments LP8725TLE-C/NOPB Datasheet HTML 16Page - Texas Instruments LP8725TLE-C/NOPB Datasheet HTML 17Page - Texas Instruments LP8725TLE-C/NOPB Datasheet HTML 18Page - Texas Instruments LP8725TLE-C/NOPB Datasheet HTML 19Page - Texas Instruments LP8725TLE-C/NOPB Datasheet HTML 20Page - Texas Instruments LP8725TLE-C/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
LP8725
www.ti.com
SNVS618G – DECEMBER 2009 – REVISED MAY 2013
Table 3. Default Output Voltages(1)(2)
Output
Max Current (mA)
Voltage Range (V)
Default output Voltage [V] and default ON/OFF
(PWR_ON/EN=1)
DEFSEL = VIN1
DEFSEL = GND
BUCK1
800
0.8 to 3.0
1.0*/1.2** ON
1.2*/1.0** ON
BUCK2
600
0.8 to 3.0
1.8*/1.8** ON
1.8*/1.8** ON
LDO1
300
1.2 to 3.3
2.8 ON
2.6 ON
LDO2
300
1.2 to 3.3
1.8 ON
2.8 ON
LDO3
300
1.2 to 3.3
3.3 ON
2.8 ON
LDO4
300
1.2 to 3.3
3.3 ON
2.8 ON
LDO5
300
1.2 to 3.3
2.8 ON
2.8 ON
LILO1
300
0.8 to 3.3
1.2 ON
3.3 ON
LILO2
300
0.8 to 3.3
1.2 ON
1.2 ON
(1)
These are dependent on whether DEFSEL is connected to VIN1 or GND when PWR_ON/EN=1.
(2)
BUCK1 voltages are set to *BUCK1_V1 and **BUCK1_V2 as selected by DVS1_V and the DVS pin.
BUCK2 voltages are set to *BUCK2_V1 and **BUCK2_V2 as selected by DVS2_V.
Table 4. LP8725-A Alternative Part's Default Output Voltages(1)(2)
Output
Max Current (mA)
Voltage Range (V)
Default output Voltage [V] and default ON/OFF
(PWR_ON/EN=1)
DEFSEL = VIN1
DEFSEL = GND
BUCK1
800
0.8 to 3.0
1.1*/1.0** OFF
1.3*/1.2** ON
BUCK2
600
0.8 to 3.0
1.1*/1.0** OFF***
1.3*/1.2** ON
LDO1
300
1.2 to 3.3
2.6 ON
2.8 ON
LDO2
300
1.2 to 3.3
3.0 ON
2.8 ON
LDO3
300
1.2 to 3.3
3.3 OFF****
2.8 ON
LDO4
300
1.2 to 3.3
3.0 ON
2.8 ON
LDO5
300
1.2 to 3.3
2.8 ON
2.8 ON
LILO1
300
0.8 to 3.3
1.8 ON
1.8 ON
LILO2
300
0.8 to 3.3
1.0 ON
1.8 ON
(1)
These are dependent on whether DEFSEL is connected to VIN1 or GND when PWR_ON/EN=1.
(2)
BUCK1 voltages are set to *BUCK1_V1 and **BUCK1_V2 as selected by DVS1_V and the DVS pin.
BUCK2 voltages are set to *BUCK2_V1 and **BUCK2_V2 as selected by DVS2_V.
*** Only if pin B2_EN=0 if in SUB_PMU configuration
**** Only if pin LDO3_EN=0
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP8725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com