| Electronic Components Datasheet Search |
|
LP8725TLX/NOPB Datasheet(PDF) 17 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP8725TLX/NOPB Datasheet(HTML) 17 Page - Texas Instruments |
|
17 / 46 page ![]() LP8725 www.ti.com SNVS618G – DECEMBER 2009 – REVISED MAY 2013 Table 3. Default Output Voltages(1)(2) Output Max Current (mA) Voltage Range (V) Default output Voltage [V] and default ON/OFF (PWR_ON/EN=1) DEFSEL = VIN1 DEFSEL = GND BUCK1 800 0.8 to 3.0 1.0*/1.2** ON 1.2*/1.0** ON BUCK2 600 0.8 to 3.0 1.8*/1.8** ON 1.8*/1.8** ON LDO1 300 1.2 to 3.3 2.8 ON 2.6 ON LDO2 300 1.2 to 3.3 1.8 ON 2.8 ON LDO3 300 1.2 to 3.3 3.3 ON 2.8 ON LDO4 300 1.2 to 3.3 3.3 ON 2.8 ON LDO5 300 1.2 to 3.3 2.8 ON 2.8 ON LILO1 300 0.8 to 3.3 1.2 ON 3.3 ON LILO2 300 0.8 to 3.3 1.2 ON 1.2 ON (1) These are dependent on whether DEFSEL is connected to VIN1 or GND when PWR_ON/EN=1. (2) BUCK1 voltages are set to *BUCK1_V1 and **BUCK1_V2 as selected by DVS1_V and the DVS pin. BUCK2 voltages are set to *BUCK2_V1 and **BUCK2_V2 as selected by DVS2_V. Table 4. LP8725-A Alternative Part's Default Output Voltages(1)(2) Output Max Current (mA) Voltage Range (V) Default output Voltage [V] and default ON/OFF (PWR_ON/EN=1) DEFSEL = VIN1 DEFSEL = GND BUCK1 800 0.8 to 3.0 1.1*/1.0** OFF 1.3*/1.2** ON BUCK2 600 0.8 to 3.0 1.1*/1.0** OFF*** 1.3*/1.2** ON LDO1 300 1.2 to 3.3 2.6 ON 2.8 ON LDO2 300 1.2 to 3.3 3.0 ON 2.8 ON LDO3 300 1.2 to 3.3 3.3 OFF**** 2.8 ON LDO4 300 1.2 to 3.3 3.0 ON 2.8 ON LDO5 300 1.2 to 3.3 2.8 ON 2.8 ON LILO1 300 0.8 to 3.3 1.8 ON 1.8 ON LILO2 300 0.8 to 3.3 1.0 ON 1.8 ON (1) These are dependent on whether DEFSEL is connected to VIN1 or GND when PWR_ON/EN=1. (2) BUCK1 voltages are set to *BUCK1_V1 and **BUCK1_V2 as selected by DVS1_V and the DVS pin. BUCK2 voltages are set to *BUCK2_V1 and **BUCK2_V2 as selected by DVS2_V. *** Only if pin B2_EN=0 if in SUB_PMU configuration **** Only if pin LDO3_EN=0 Copyright © 2009–2013, Texas Instruments Incorporated Submit Documentation Feedback 17 Product Folder Links: LP8725 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |