Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP55231 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP55231
Description  LP55231 Programmable 9-Output LED Driver
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55231 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP55231 Datasheet HTML 3Page - Texas Instruments LP55231 Datasheet HTML 4Page - Texas Instruments LP55231 Datasheet HTML 5Page - Texas Instruments LP55231 Datasheet HTML 6Page - Texas Instruments LP55231 Datasheet HTML 7Page - Texas Instruments LP55231 Datasheet HTML 8Page - Texas Instruments LP55231 Datasheet HTML 9Page - Texas Instruments LP55231 Datasheet HTML 10Page - Texas Instruments LP55231 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
7
LP55231
www.ti.com
SNOSCR5B – MARCH 2013 – REVISED MAY 2016
Product Folder Links: LP55231
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
(1)
Specification is verified by design and is not tested in production. VEN = 1.65 V to VDD.
(2)
The ideal external clock signal for the LP55231 is a 0-V to VEN 25% to 75% duty-cycle square wave. At frequencies above 32.7 kHz,
program execution is faster, and at frequencies below 32.7 kHz program execution is slower.
6.10 Recommended External Clock Source Conditions
See
(1) (2)
MIN
NOM
MAX
UNIT
LOGIC INPUT CLK
ƒCLK
Clock frequency
32.7
kHz
tCLKH
High time
6
µs
tCLKL
Low time
6
µs
tr
Clock rise time
10% to 90%
2
µs
tf
Clock fall time
90% to 10%
2
µs
(1)
Specification is verified by design and is not tested in production. VEN = 1.65 V to VDD.
6.11 Serial Bus Timing Parameters (SDA, SCL)
See
(1) and Figure 2
MIN
MAX
UNIT
ƒSCL
Clock frequency
400
kHz
1
Hold time (repeated) START condition
0.6
µs
2
Clock low time
1.3
µs
3
Clock high time
600
ns
4
Setup time for a repeated START condition
600
ns
5
Data hold time
50
ns
6
Data setup time
100
ns
7
Rise time of SDA and SCL
20 + 0.1 Cb
300
ns
8
Fall time of SDA and SCL
15 + 0.1 Cb
300
ns
9
Setup time for STOP condition
600
ns
10
Bus free time between a STOP and a START condition
1.3
µs
Cb
Capacitive load parameter for each bus line
Load of 1 pF corresponds to one nanosecond.
10
200
ns
Figure 1. External Clock Signal
Figure 2. Timing Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com