Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2442CPWR Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV2442CPWR
Description  Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2442CPWR Datasheet(HTML) 5 Page - Texas Instruments

  TLV2442CPWR Datasheet HTML 1Page - Texas Instruments TLV2442CPWR Datasheet HTML 2Page - Texas Instruments TLV2442CPWR Datasheet HTML 3Page - Texas Instruments TLV2442CPWR Datasheet HTML 4Page - Texas Instruments TLV2442CPWR Datasheet HTML 5Page - Texas Instruments TLV2442CPWR Datasheet HTML 6Page - Texas Instruments TLV2442CPWR Datasheet HTML 7Page - Texas Instruments TLV2442CPWR Datasheet HTML 8Page - Texas Instruments TLV2442CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
TLV2442, TLV2442A, TLV2444, TLV2444A
Advanced LinCMOS
 RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
SLOS169H – NOVEMBER 1996 – REVISED MARCH 2001
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLV2442
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
TLV244xC
25
°C
300
2000
TLV244xI
Full range
2500
VIO
Input offset voltage
TLV244xAI
25
°C
300
950
µV
VIO
Input offset voltage
TLV244xAI
Full range
1500
µV
TLV2442AQ
25
°C
300
950
TLV2442AM
Full range
1600
αVIO
Temperature coefficient of input
25
°C
2
µV/°C
αVIO
offset voltage
VIC =1 5V
to 85
°C
2
µV/°C
Input offset voltage long-term drift
(see Note 4)
VIC = 1.5 V,
VO = 1.5 V,
RS = 50 Ω
25
°C
0.002
µV/mo
IIO
Input offset current
RS 50 Ω
25
°C
0.5
60
pA
IIO
Input offset current
Full range
150
pA
25
°C
1
60
IIB
Input bias current
–40
°C to
85
°C
150
pA
IIB
Input bias current
125
°C
350
pA
TLV2442Q/AQ
TLV2442M/AM
Full range
260
25
°C
0
to
2.25
–0.25
to
2.5
VICR
Common-mode input voltage
|VIO| ≤ 5mV
RS =50 Ω
Full range
0
to
2
V
VICR
g
range
|VIO| ≤ 5 mV,
RS = 50 Ω
25
°C to
–55
°C
0
to
2.25
–0.25
to
2.5
V
125
°C
0
to
2
IO = – 100 µA
25
°C
2.98
VOH
High-level output voltage
IO = 3mA
25
°C
2.5
V
IO = – 3 mA
Full range
2.25
VIC = 1.5 V,
IO = 100 µA
25
°C
0.02
VOL
Low-level output voltage
VIC =1 5V
IO 3 mA
25
°C
0.63
V
VIC = 1.5 V,
IO = 3 mA
Full range
1
L
i
l diff
ti l
RL = 600 Ω
25
°C
0.7
1
AVD
Large-signal differential
voltage amplification
VO = 1 V to 2 V
RL = 600 Ω
Full range
0.4
V/mV
voltage am lification
RL = 1 MΩ
25
°C
750
rid
Differential input resistance
25
°C
1000
G
Ω
ri
Common-mode input resistance
25
°C
1000
G
Ω
ci
Common-mode input capacitance
f = 10 kHz
25
°C
8
pF
zo
Closed-loop output impedance
f = 1 MHz,
AV = 10
25
°C
130
Ω
† Full range for the C suffix is 0
°C to 70°C. Full range for the dual I suffix is – 40°C to 85°C. Full range for the quad I suffix is – 40°C to 125°C. Full
range for the Q suffix is – 40
°C to 125°C. Full range for the M suffix is – 55°C to 125°C.
NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com