Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK1201AI Datasheet(PDF) 13 Page - Texas Instruments

Part # TLK1201AI
Description  Single Monolithic PLL Design
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK1201AI Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLK1201AI Datasheet HTML 9Page - Texas Instruments TLK1201AI Datasheet HTML 10Page - Texas Instruments TLK1201AI Datasheet HTML 11Page - Texas Instruments TLK1201AI Datasheet HTML 12Page - Texas Instruments TLK1201AI Datasheet HTML 13Page - Texas Instruments TLK1201AI Datasheet HTML 14Page - Texas Instruments TLK1201AI Datasheet HTML 15Page - Texas Instruments TLK1201AI Datasheet HTML 16Page - Texas Instruments TLK1201AI Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
www.ti.com
CL
5 pF
CL
5 pF
50
Ω
50
Ω
LVTTL OUTPUT SWITCHING CHARACTERISTICS
tr
tf
CLOCK
80%
50%
20%
tr
tf
2 V
0.8 V
DATA
1.4 V
TRANSMITTER TIMING REQUIREMENTS
TLK1201ARCP, TLK1201AIRCP
ETHERNET TRANSCEIVERS
SLLS580D – FEBRUARY 2004 – REVISED SEPTEMBER 2007
Figure 8. Transmitter Test Setup
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr(RBC)
Clock rise time
0.3
1.5
ns
tf(RBC)
Clock fall time
0.3
1.5
80% to 20% output voltage, C = 5 pF (see
Figure 9)
tr
Data rise time
0.3
1.5
ns
tf
Data fall time
0.3
1.5
TBI normal mode, (see Figure 3), Rω = 125 MHz
2.5
Data setup time (RD0–RD9), Data
tsu(D1)
ns
valid prior to RBC0 rising
TBI normal mode, (see Figure 3), Rω = 61.44 MHz
5
TBI normal mode, (see Figure 3), Rω = 125 MHz
2
Data hold time (RD0–RD9), Data valid
th(D1)
ns
after RBC0 rising
TBI normal mode, (see Figure 3), Rω = 61.44 MHz
4
tsu(D2)
Data setup time (RD0–RD4)
DDR mode, Rω = 125 MHz, (see Figure 4)
2
ns
th(D2)
Data hold time (RD0–RD4)
DDR mode, Rω = 125 MHz, (see Figure 4)
0.8
ns
tsu(D3)
Data setup time (RD0–RD9)
TBI half-rate mode, Rω = 125 MHz, (see Figure 2)
2.5
ns
th(D3)
Data hold time (RD0–RD9)
TBI half-rate mode, Rω = 125 MHz, (see Figure 2)
1.5
ns
Figure 9. TTL Data I/O Valid Levels for AC Measurement
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tsu(D4)
Data setup time (TD0–TD9)
1.6
TBI modes
ns
th(D4)
Data hold time (TD0–TD9)
0.8
tsu(D5)
Data setup time (TD0–TD9)
0.7
DDR modes
ns
th(D5)
Data hold time (TD0–TD9)
0.5
tr, tf
TD[0,9] data rise and fall time
See Figure 9
2
ns
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TLK1201ARCP TLK1201AIRCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com