Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK2201ARCPR Datasheet(PDF) 5 Page - Texas Instruments

Part # TLK2201ARCPR
Description  ETHERNET TRANSCEIVERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK2201ARCPR Datasheet(HTML) 5 Page - Texas Instruments

  TLK2201ARCPR Datasheet HTML 1Page - Texas Instruments TLK2201ARCPR Datasheet HTML 2Page - Texas Instruments TLK2201ARCPR Datasheet HTML 3Page - Texas Instruments TLK2201ARCPR Datasheet HTML 4Page - Texas Instruments TLK2201ARCPR Datasheet HTML 5Page - Texas Instruments TLK2201ARCPR Datasheet HTML 6Page - Texas Instruments TLK2201ARCPR Datasheet HTML 7Page - Texas Instruments TLK2201ARCPR Datasheet HTML 8Page - Texas Instruments TLK2201ARCPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.ti.com
DETAILED DESCRIPTION
DATA TRANSMISSION
TRANSMISSION LATENCY
10BitCode
TXP,TXN
TD(0−9)
REFCLK
td(Tx latency)
10BitCode
b9
TLK2201A
TLK2201AI
SLLS572B – JUNE 2003 – REVISED SEPTEMBER 2007
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
POWER
VDD
5, 10, 20, 23,
Supply
Digital logic power. Provides power for all digital circuitry and digital I/O buffers.
29, 37, 42,
50, 63
VDDA
53, 57, 59,
Supply
Analog power. VDDA provides power for the high-speed analog circuits, receiver, and transmitter.
60
VDDPLL
18
Supply
PLL power. Provides power for the PLL circuitry. This terminal requires additional filtering.
GROUND
GNDA
51,58
Ground Analog ground. GNDA provides a ground for the high-speed analog circuits, RX and TX.
GND
1, 14, 21, 25,
Ground Digital logic ground. Provides a ground for the logic circuits and digital I/O buffers.
33, 46
GNDPLL
64
Ground PLL ground. Provides a ground for the PLL circuitry.
These devices support both the defined 10-bit interface (TBI) and a reduced 5-bit interface utilizing DDR
clocking. When MODESEL is low, the TBI mode is selected. When MODESEL is high, the DDR mode is
selected.
In the TBI mode, the transmitter portion registers incoming 10-bit wide data words (8b/10b encoded data,
TD0-TD9) on the rising edge of REFCLK. The REFCLK is also used by the serializer, which multiplies the clock
by a factor of 10, providing a signal that is fed to the shift register. The 8b/10b encoded data is transmitted
sequentially bit 0 through 9 over the differential high-speed I/O channel.
In the DDR mode, the transmitter accepts 5-bit wide 8b/10b encoded data on pins TD0–TD4. In this mode data is
aligned to both the rising and falling edges of REFCLK. The data is then formed into a 10-bit wide word and sent
to the serializer. The rising edge REFCLK clocks in bit 0–4, and the falling edge of REFCLK clocks in bits 5–9.
(Bit 0 is the first bit transmitted).
Data transmission latency is defined as the delay from the initial 10-bit word load to the serial transmission of bit
9. The minimum latency in TBI mode is 19 bit times. The maximum latency in TBI mode is 20 bit times. The
minimum latency in DDR mode is 29 bit times, and maximum latency in DDR mode is 30 bit times.
Figure 1. Transmitter Latency Full Rate Mode
Copyright © 2003–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TLK2201A TLK2201AI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com