Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYM26CS Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BYM26CS
Description  SUPER FAST RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BYM26CS Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BYM26CS Datasheet HTML 1Page - SUNMATE electronic Co., LTD BYM26CS Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
400
600
800
1000
V
BYM26ES
BYM26DS
BYM26CS
BYM26BS
BYM26AS
BYM26AS - BYM26ES
CURRENT: 2.3 A
VOLTAGE RANGE: 200 - 1000V
SUPER FAST RECTIFIER DIODES
Low forward voltage drop
High current capability
Maximum recurrent peak reverse voltage
VRRM
400
600
800
1000
V
Maximum RMS voltage
VRMS
280
420
560
700
V
Maximum DC blocking voltage
VDC
Maximum average forw ard rectified current
9.5mmlead length,
@T
A=75
Peak forw ard surge current
10 ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 2.0A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Maximum reverse recovery time (Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
140
- 55 ----- + 150
150.0
200
2.65
30
75
The plastic material carries U/L recognition 94V-0
75
A
10.0
Easily cleaned with alcohol,Isopropanol
and similar solvents
IF(AV)
2.3
200
85
75
3. Thermal resistance f rom junction to ambient.
A
45.0
IR
IFSM
NOTE: 1. Measured with I
F=0.5A, IR=1A, Irr=0.25A.
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
A
- 55 ----- + 150
Features
Characteristic
Symbol
Unit
Maximum Ratings and Electrical Characteristics TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Case : DO-15 Molded plastic
Mechanical Data
Epoxy : UL94V-O rate flame retardant
Lead : Axial lead solderable per MIL-STD-202,
Polarity : Color band denotes cathode end
Mounting position : Any
Weight : 0.465 gram
!
!
!
!
!
!
!
!
!
!
A
A
B
C
D
DO-15
Dim
Min
Max
A
25.40
—
B
5.50
7.62
C
0.686
0.889
D
2.60
3.60
All Dimensions in mm
1 of 2
www.sunmate.tw
Method 208 guaranteed


Similar Part No. - BYM26CS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYM26C PHILIPS-BYM26C Datasheet
70Kb / 12P
Fast soft-recovery controlled avalanche rectifiers
1996 May 24
logo
Galaxy Semi-Conductor H...
BYM26C BILIN-BYM26C Datasheet
49Kb / 2P
SUPER FAST RECTIFIER
logo
Gulf Semiconductor
BYM26C GULFSEMI-BYM26C Datasheet
65Kb / 2P
SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE: 600V CURRENT: 2.3A
logo
Shenzhen Luguang Electr...
BYM26C LUGUANG-BYM26C Datasheet
255Kb / 2P
Sintered Glass Junction ,Ultrafast Avalanche Rectifier
BYM26C LUGUANG-BYM26C Datasheet
163Kb / 2P
Super Fast Rectifiers
More results

Similar Description - BYM26CS

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
RG10 EIC-RG10 Datasheet
31Kb / 2P
SUPER FAST RECTIFIER DIODES
SF21 EIC-SF21 Datasheet
48Kb / 2P
SUPER FAST RECTIFIER DIODES
SF31 EIC-SF31 Datasheet
31Kb / 2P
SUPER FAST RECTIFIER DIODES
SFO1 EIC-SFO1 Datasheet
42Kb / 2P
SUPER FAST RECTIFIER DIODES
SFT1 EIC-SFT1 Datasheet
42Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
SynSemi, Inc.
SFT1 SYNSEMI-SFT1 Datasheet
34Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
EIC discrete Semiconduc...
SFT1 EIC-SFT1_05 Datasheet
39Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
SF21G SUNMATE-SF21G Datasheet
285Kb / 2P
SUPER FAST RECTIFIER DIODES
BYM26A SUNMATE-BYM26A Datasheet
354Kb / 2P
SUPER FAST RECTIFIER DIODES
31GF2 SUNMATE-31GF2 Datasheet
428Kb / 2P
SUPER FAST RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com