Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2544CPWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2544CPWR
Description  2.7 V TO 5.5 V, 12-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2544CPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV2544CPWR Datasheet HTML 2Page - Texas Instruments TLV2544CPWR Datasheet HTML 3Page - Texas Instruments TLV2544CPWR Datasheet HTML 4Page - Texas Instruments TLV2544CPWR Datasheet HTML 5Page - Texas Instruments TLV2544CPWR Datasheet HTML 6Page - Texas Instruments TLV2544CPWR Datasheet HTML 7Page - Texas Instruments TLV2544CPWR Datasheet HTML 8Page - Texas Instruments TLV2544CPWR Datasheet HTML 9Page - Texas Instruments TLV2544CPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
TLV2544, TLV2548
2.7V TO 5.5V, 12BIT, 200KSPS, 4/8CHANNEL, LOW POWER
SERIAL ANALOGTODIGITAL CONVERTERS WITH AUTOPOWERDOWN
SLAS198E − FEBRUARY 1999 − REVISED JUNE 2003
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
control and timing
power up and initialization requirements
D Determine processor type by writing A000h to the TLV2544/48 (CS must be toggled)
D Configure the device (CS must make a high-to-low transition, then can be held low if in DSP mode; i.e.,
active FS.)
The first conversion after power up or resuming from power down is not valid.
start of the cycle:
D When FS is not used (FS = 1 at the falling edge of CS), the falling edge of CS is the start of the cycle.
D When FS is used (FS is an active signal from a DSP), the falling edge of FS is the start of the cycle.
first 4-MSBs: the command register (CMR)
The TLV2544/TLV2548 have a 4-bit command set (see Table 1) plus a 12-bit configuration data field. Most of
the commands require only the first 4 MSBs, i.e., without the 12-bit data field.
The valid commands are listed in Table 1.
Table 1. TLV2544/TLV2548 Command Set
SDI D(15−12) BINARY
TLV2548 COMMAND
TLV2544 COMMAND
0000b
0h
Select analog input channel 0
Select analog input channel 0
0001b
1h
Select analog input channel 1
N/A
0010b
2h
Select analog input channel 2
Select analog input channel 1
0011b
3h
Select analog input channel 3
N/A
0100b
4h
Select analog input channel 4
Select analog input channel 2
0101b
5h
Select analog input channel 5
N/A
0110b
6h
Select analog input channel 6
Select analog input channel 3
0111b
7h
Select analog input channel 7
N/A
1000b
8h
SW power down (analog + reference)
1001b
9h
Read CFR register data shown as SDO D(11−0)
1010b
Ah plus data
Write CFR followed by 12-bit data, e.g., 0A100h means external reference,
short sampling, SCLK/4, single shot, INT
1011b
Bh
Select test, voltage = (REFP+REFM)/2
1100b
Ch
Select test, voltage = REFM
1101b
Dh
Select test, voltage = REFP
1110b
Eh
FIFO read, FIFO contents shown as SDO D(15−4), D(3−0) = 0000
1111b
Fh plus data
Reserved
1111b
Fh plus data
Reserved
NOTE: The status of the CFR can be read with a read CFR command when the device is programmed
for one-shot conversion mode (CFR D[6,5] = 00).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com