Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8340CLD-2.5 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP8340CLD-2.5
Description  Low Dropout, Low IQ, 1.0A CMOS Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP8340CLD-2.5 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP8340CLD-2.5 Datasheet HTML 1Page - National Semiconductor (TI) LP8340CLD-2.5 Datasheet HTML 2Page - National Semiconductor (TI) LP8340CLD-2.5 Datasheet HTML 3Page - National Semiconductor (TI) LP8340CLD-2.5 Datasheet HTML 4Page - National Semiconductor (TI) LP8340CLD-2.5 Datasheet HTML 5Page - National Semiconductor (TI) LP8340CLD-2.5 Datasheet HTML 6Page - National Semiconductor (TI) LP8340CLD-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LP8340CLD-2.5 Datasheet HTML 8Page - National Semiconductor (TI) LP8340CLD-2.5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN,VOUT,VOUT Sense, ADJ
−0.3V to 12V
Storage Temperature Range
−65˚C to 160˚C
Junction Temperature (T
J)
150˚C
Power Dissipation
(Note 3)
ESD Rating
Human Body Model (Note 6)
2kV
Machine Model
200V
Operating Ratings(Notes 1, 2)
Supply Voltage
2.7 to 10V
Temperature Range
LP8340C
0˚C to 125˚C
LP8340I
−40˚C to 125˚C
LP8340C Electrical Characteristics
Unless otherwise specified all limits guaranteed for V
IN =VO+ 1V, CIN =COUT = 10µF, TJ = 25˚C. Boldface limits apply over
the full operating temperature range of T
J = 0˚C to 125˚C
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
V
IN
Input Voltage
LP8340-ADJ,1.8, 2.5
LP8340-3.3, 5.0
2.7
10
10
V
V
OUT
Output Voltage
LP8340-ADJ, ADJ = OUT
I
OUT = 10mA, VIN = 2.7V, TJ = 25˚C
100µA
≤I
OUT
≤ 800mA, 3.0V ≤V
IN
≤V
OUT +4V
800mA <I
OUT
≤1.0A, 3.2V ≤V
IN
≤V
OUT +4V
1.231
1.213
1.213
1.250
1.269
1.288
1.288
V
LP8340-1.8
I
OUT = 10mA, VIN = 2.8V, TJ = 25˚C
100µA
≤I
OUT
≤800mA, 3.2V ≤V
IN
≤6V
800mA <I
OUT
≤1.0A, 3.4V ≤V
IN
≤6V
1.773
1.746
1.746
1.800
1.827
1.854
1.854
V
LP8340-2.5
I
OUT = 10mA, VIN = 3.8V, TJ = 25˚C
100µA
≤I
OUT
≤1.0A, 3.8V ≤V
IN
≤6.5V
2.463
2.425
2.500
2.538
2.575
V
LP8340-3.3
I
OUT = 10mA, VIN = 4.3V TJ = 25˚C
100µA
≤I
OUT
≤1.0A, 4.3V ≤V
IN
≤7.5V
3.250
3.201
3.300
3.350
3.399
V
LP8340-5.0
I
OUT = 10mA, VIN = 6V, TJ = 25˚C
100µA
≤I
OUT
≤1.0A, 6V ≤V
IN
≤9V
4.925
4.850
5.000
5.075
5.150
V
∆V
O
Load Regulation
LP8340-ADJ, ADJ=OUT
I
OUT = 1mA to 1.0A, VIN = 3.2V
6
25
mV
LP8340-1.8
I
OUT = 1mA to 1.0A, VIN = 3.4V
8
30
LP8340-2.5
I
OUT = 1mA to 1.0A, VIN = 3.5V
15
50
LP8340-3.3
I
OUT = 1mA to 1.0A, VIN = 4.3V
20
75
LP8340-5.0
I
OUT = 1mA to 1.0A, VIN =6V
25
100
∆V
O
Line Regulation
V
OUT + 0.5V
≤V
IN
≤10V, I
OUT = 25mA
(Note 7)
4
15
mV
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com