Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3695ATM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3695ATM
Description  Multipoint RS485/RS422 Transceivers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3695ATM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS3695ATM Datasheet HTML 1Page - National Semiconductor (TI) DS3695ATM Datasheet HTML 2Page - National Semiconductor (TI) DS3695ATM Datasheet HTML 3Page - National Semiconductor (TI) DS3695ATM Datasheet HTML 4Page - National Semiconductor (TI) DS3695ATM Datasheet HTML 5Page - National Semiconductor (TI) DS3695ATM Datasheet HTML 6Page - National Semiconductor (TI) DS3695ATM Datasheet HTML 7Page - National Semiconductor (TI) DS3695ATM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AC Test Circuits and Switching Waveforms (Continued)
Function Tables
DS3695A/DS3696A Transmitting
Inputs
Line
Outputs
RE
DE
DI
Condition
DO
DO
TS * (DS3696A Only)
X
1
1
No Fault
0
1
H
X
1
0
No Fault
1
0
H
X0X
X
Z
Z
H
X
1
X
Fault
Z
Z
L
DS3695A/DS3696A Receiving
Inputs
Output
RE
DE
RI–RI
RO
TS * (DS3696A Only)
00
≥+0.2V
1
H
00
≤−0.2V
0
H
0
0
Inputs Open**
1
H
10
X
Z
H
X — Don’t care condition
Z — High impedance state
Fault — Improper line conditions causing excessive power dissipation in the driver, such as shorts or bus contention situations
* TS is an “open collector” output with an on-chip 10 k
Ω pull-up resistor.
** This is a fail safe condition
DS005272-12
FIGURE 6. Driver Enable/Disable Propagation Delay Timing
DS005272-13
FIGURE 7. Driver Differential Transition Timing
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com